Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNP10SA2R00FE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # TNP10SA2R00FE
Description  Values listed below; others on request
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TNP10SA2R00FE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  TNP10SA2R00FE Datasheet HTML 1Page - Ohmite Mfg. Co. TNP10SA2R00FE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
153
TNP10 resistors may be mounted with Ohmite
C Series (parts C126-XXX) heatsinks:
http://www.ohmite.com/cat/sink_c.pdf
TNP10 Series
Thin Film TO-126 Resistor
dime NS io NS
(in./mm)
orderi N g i N formaT io N
aSS ociaT ed P ar TS
0.15"
(3.8mm ±.2)
ø0.12"
(3.1mm ±.1)
0.6"
(1.40mm ±.05)
0.02"
(0.6mm ±.05)
0.20"
(5.08mm ±.05)
0.07"
(1.75mm ±.1)
0.02"
(0.5mm ±.05)
0.47"
(12.0mm ±.2)
0.67"
(17.0mm ±1.0)
0.12"
(3.1mm ±.2)
0.13"
(3.2mm ±.5)
0.33"
(8.5mm ±.2)
TNP10SC50R0FE
Resistance
R500 = 0.500Ω
1R00 = 1Ω
250R = 250Ω
1K00 = 1,000Ω
25K5 = 25,500Ω
Tolerance
F = 1%
J = 5%
TCR
H = 250ppm
A = 100ppm
C = 50ppm
RoHS
compliant
Series
TNP10SHR100JE
TNP10SHR150JE
TNP10SAR200JE
TNP10SHR250JE
TNP10SHR330JE
TNP10SAR500JE
TNP10SA1R00FE
TNP10SA1R50FE
TNP10SA2R00FE
TNP10SA3R00FE
Standard part numbers
Other values on request
TNP10SA5R00FE
TNP10SA7R50FE
TNP10SC10R0FE
TNP10SC12R0FE
TNP10SC15R0FE
TNP10SC20R0FE
TNP10SC25R0FE
TNP10SC27R0FE
TNP10SC47R0FE
TNP10SC50R0FE
TNP10SC75R0FE
TNP10SC100RFE
TNP10SC120RFE
TNP10SC150RFE
TNP10SC200RFE
TNP10SC330RFE
TNP10SC560RFE
TNP10SC1K00FE
TNP10SC10K0FE


Similar Part No. - TNP10SA2R00FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TNP10S ETC2-TNP10S Datasheet
1Mb / 2P
   Power Thun Film Resistors
More results

Similar Description - TNP10SA2R00FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
   Continuous duty as listed below
RES-WLRD6G OHMITE-RES-WLRD6G Datasheet
189Kb / 2P
   Continuous duty as listed below
logo
Silicon Laboratories
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
   The EFM8SB2 highlighted features are listed below
EFM8UB2 SILABS-EFM8UB2 Datasheet
952Kb / 50P
   The EFM8UB2 highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
   The EFM8SB1 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
   The EFM8UB1 highlighted features are listed below
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
   The EFM8BB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
   The EFM8BB2 highlighted features are listed below
logo
Ohmite Mfg. Co.
RES-14984 OHMITE-RES-14984 Datasheet
128Kb / 1P
   Available for ohmic values other than those listed
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com