Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32335I6316J50 Datasheet(PDF) 7 Page - TDK Electronics

Part # B32335I6316J50
Description  Film Capacitors ??AC Capacitors Motor run capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32335I6316J50 Datasheet(HTML) 7 Page - TDK Electronics

  B32335I6316J50 Datasheet HTML 1Page - TDK Electronics B32335I6316J50 Datasheet HTML 2Page - TDK Electronics B32335I6316J50 Datasheet HTML 3Page - TDK Electronics B32335I6316J50 Datasheet HTML 4Page - TDK Electronics B32335I6316J50 Datasheet HTML 5Page - TDK Electronics B32335I6316J50 Datasheet HTML 6Page - TDK Electronics B32335I6316J50 Datasheet HTML 7Page - TDK Electronics B32335I6316J50 Datasheet HTML 8Page - TDK Electronics B32335I6316J50 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Film Capacitors – AC Capacitors
B32335
Motor run capacitors
Dual MotorCap - 450 V
CAP FILM T RD PD AC
July 2016
Please read Cautions and warnings and
Page 7 of 9
Important notes at the end of this document.
Rated
voltage
VR
Rated
capacitance
CR
Dimensions
D x H
Ordering
code
Packing
unit
V AC
μF
mm
pcs
450
35+3
40 x 103
B32335I6386J0#0
36
35+5
40 x 103
B32335I6406J0#0
36
35+6
40 x 103
B32335I6416J0#0
36
35+8
40 x 103
B32335I6436J0#0
36
35+10
40 x 103
B32335I6456J0#0
36
40+5
45 x 103
B32335I6456J0#1
36
45+4
45 x 103
B32335I6496J0#0
25
45+5
45 x 103
B32335I6506J0#0
25
46+6
45 x 103
B32335I6526J0#0
25
45+10
45 x 103
B32335I6556J0#0
25
50+4
45 x 103
B32335I6546J0#0
25
50+5
45 x 103
B32335I6556J0#1
25
50+10
53 x 80
B32335I6606J0#0
25
55+5
53 x 105
B32335I6606J0#1
25
60+10
53 x 105
B32335I6706J0#0
25
Composition of ordering code
#: Construction of can and plastic top
5
Aluminum can, option A: UL94V2 Top disc
6
Aluminum can, option B: UL94V2/V0 Top disc / IEC60335-1
7
Aluminum can, with M 8 bolt, option A: UL 94 V2 top disc
8
Aluminum can, with M 8 bolt, option B: UL 94 V2/V0 top disc / IEC 60335-1


Similar Part No. - B32335I6316J50

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32335I6316J550 EPCOS-B32335I6316J550 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6316J560 EPCOS-B32335I6316J560 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6316J570 EPCOS-B32335I6316J570 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6316J580 EPCOS-B32335I6316J580 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
More results

Similar Description - B32335I6316J50

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com