Electronic Components Datasheet Search |
|
T970025 Datasheet(PDF) 1 Page - E-SWITCH |
|
T970025 Datasheet(HTML) 1 Page - E-SWITCH |
|
1 / 1 page TITLE SCALE DATE DR DWG REV THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED SHEET OF REV PCR NO DESCRIPTION DATE BY ULV7F23SS316 3:2 7/28/2016 T970025 B MW 1 1 PANEL CUT-OUT PANEL THICKNESS 1-10mm A 22463 New Release 8/25/16 MW NOTE: 1. ALL DIMENSIONS IN MM [INCH] 2. GENERAL TOLERANCE: X.X = 0.4 X.XX = 0.25 3. TERMINAL NUMBERS FOR REF ONLY 4. CONTACT MATERIAL: SILVER 5. RATING: 3A 250 VAC cUL 6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES AT FULL LOAD. 7. MECHANICAL LIFE: 500,000 CYCLES. 8. INSULATION RESISTANCE: 1,000 M @ 500VDC MIN. 9. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE 10. CONTACT RESISTANCE: 50m MAX. @ 1A 12VDC 11. OPERATING TEMP.: -20 C to 55 C 12. DENOTES CRITICAL PARAMETER 13. LAMP VOLTAGE: 20mA 110V 14. TRAVEL: 3.2mm 15. ACTUATION FORCE: 2.5 1.0 N 16 MOUNTING NUT TORQUE: 5-14 Nm 17. INGRESS PROTECTION: IP67 18. HARDWARE SUPPLIED: O-RING AND HEXNUT 25.00 [.984 in] 17.75 [.70 in] 13.75 [.54 in] 2.0 [.08 in] 27.2 [1.07 in] 34.4 [1.35 in] 35.0 [1.38 in] 13.00 [.51 in] 2.80 [.110 in] 10.00 [.394 in] 5.00 [.197 in] 2.75 [.11 in] RING ILLUMINATION Color: RED TERMINAL 3 TERMINAL 1 TERMINAL 2 (+) (-) 22.20 [.874 in] M22 x 1.0 THREAD STAINLESS STEEL BUTTON STAINLESS STEEL HOUSING .50 [.020 in] RED (FORWARD) RED (REVERSE) SCHEMATIC - + + - 1 (+) (-) 3 2 ON - ON SPDT ILLUMINATED B 22590 note 13 to 110V 11/15/16 MW |
Similar Part No. - T970025 |
|
Similar Description - T970025 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |