Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32335I6116J50 Datasheet(PDF) 3 Page - TDK Electronics

Part # B32335I6116J50
Description  Film Capacitors ??AC Capacitors Motor run capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32335I6116J50 Datasheet(HTML) 3 Page - TDK Electronics

  B32335I6116J50 Datasheet HTML 1Page - TDK Electronics B32335I6116J50 Datasheet HTML 2Page - TDK Electronics B32335I6116J50 Datasheet HTML 3Page - TDK Electronics B32335I6116J50 Datasheet HTML 4Page - TDK Electronics B32335I6116J50 Datasheet HTML 5Page - TDK Electronics B32335I6116J50 Datasheet HTML 6Page - TDK Electronics B32335I6116J50 Datasheet HTML 7Page - TDK Electronics B32335I6116J50 Datasheet HTML 8Page - TDK Electronics B32335I6116J50 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Film Capacitors – AC Capacitors
B32335
Motor run capacitors
Dual MotorCap - 450 V
CAP FILM T RD PD AC
July 2016
Please read Cautions and warnings and
Page 3 of 9
Important notes at the end of this document.
Test data
AC test voltage terminal to terminal VTT
AC test voltage terminal to can VTC
2
 VR, 2 s (routine test)
2
VR, 60 s (type test)
2 kVAC , 2 s (routine test)
2 kVAC , 60 s (type test)
Insulation resistance Rins or time constant at +20 °C, rel.
Humidity≤65%
(minimum as-delivered values)
3000 s
Dissipation factor tan δ at +20 °C
≤ 7
 10-3 (1 kHz)
Maximum rate of voltage rise dV/dtmax
10 V/µs
Climatic data
Climatic category
25/085/21 to IEC 60068-1
Lower category Tmin
-25 °C
Upper category Tmax
+85 °C
Damp heat test ttest
21 days
Mechanical and thermal properties of terminal insulator material
Ball pressure test to IEC 60309-1 sec. 27.3
At +125 °C
Plastic can and top disk material
UL 94 V2 minimum
Option A:
UL 94 V2 compatible
Glow wire test to IEC 60695-2-10/11
Test temperature +550 °C for IR ≤ 0.5A
Test temperature +850 °C for IR > 0.5A
Self-extinguish within 30 seconds of withdrawing
glow wire without igniting wrapping tissue of
GWT
Option B:
UL 94 V2/V0 compatible
Glow wire test to IEC60335-1
Test temperature +750 °C
Part is compatible to EN 60335-1
Self-extinguish within 2 seconds of withdrawing
glow wire without igniting wrapping tissue of
GWT
Tracking test to IEC 60112 solution A
> 250 V
Compatibility to RoHS
Compliance to directive 2011/65/EU


Similar Part No. - B32335I6116J50

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32335I6116J550 EPCOS-B32335I6116J550 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6116J560 EPCOS-B32335I6116J560 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6116J570 EPCOS-B32335I6116J570 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
B32335I6116J580 EPCOS-B32335I6116J580 Datasheet
116Kb / 8P
   Film Capacitors - AC Capacitors
More results

Similar Description - B32335I6116J50

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com