Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3233I6205J00 Datasheet(PDF) 2 Page - TDK Electronics

Part # B3233I6205J00
Description  Film Capacitors ??AC Capacitors Motor run capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B3233I6205J00 Datasheet(HTML) 2 Page - TDK Electronics

  B3233I6205J00 Datasheet HTML 1Page - TDK Electronics B3233I6205J00 Datasheet HTML 2Page - TDK Electronics B3233I6205J00 Datasheet HTML 3Page - TDK Electronics B3233I6205J00 Datasheet HTML 4Page - TDK Electronics B3233I6205J00 Datasheet HTML 5Page - TDK Electronics B3233I6205J00 Datasheet HTML 6Page - TDK Electronics B3233I6205J00 Datasheet HTML 7Page - TDK Electronics B3233I6205J00 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Film Capacitors – AC Capacitors
B32330 / B32332
Motor run capacitors
450 V
CAP FILM T RD PD AC
July 2016
Please read Cautions and warnings and
Page 2 of 8
Important notes at the end of this document.
Construction
Metallized polypropylene film
Aluminum can with plastic top
Filling material soft polyurethane resin
Features
Self-healing properties
Low dissipation factor
Overpressure disconnection safety device
S2 safety class as per IEC-60252-1(ed-2) am1
High insulation resistance
EN 60335-1 compliance on request
Applications
For general sine wave application, mainly as motor run
Terminals
B32330 - Single fast-on 6.3 x 0.8 mm / Single fast-on 4.8 x 0.5 mm on request
B32332 - Double fast-on 6.3 x 0.8 mm
Mounting parts (optional)
Threaded stud at bottom of can (M8, Max torque= 5 Nm)
Technical data and specifications
Reference standards
DIN EN 60252-1:2014-07, IEC 60252-1 (ed 2) am1
UL 810
Safety class to IEC 60252-1 2013
S2
Life expectancy to IEC 60252-1 2013
450 V : 30000 h (Class A)
UL 810 file E106388
Approved component
Rated capacitance CR
See table ordering code, page 6
Tolerance Tx
+/- 5%
Rated voltage Vrms
450 V AC
Rated frequency fR
50/60 Hz


Similar Part No. - B3233I6205J00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
B32330 EPCOS-B32330 Datasheet
185Kb / 7P
   Film capacitors - AC capacitors
B32330 EPCOS-B32330 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32330 EPCOS-B32330 Datasheet
261Kb / 7P
   Film capacitors - AC capacitors
B32330 EPCOS-B32330 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results

Similar Description - B3233I6205J00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335 TDK-B32335_16 Datasheet
258Kb / 9P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
   Film capacitors - AC capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
   Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
   Film Capacitors ??AC capacitors Motor run capacitors
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com