Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

229E24 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 229E24
Description  Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

229E24 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  229E24 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transformer - Dual Primary
Low Voltage PC Board Mount - Low Profile
229E24
www.hammondmfg.com
Features
Low profile mounting, dual - split bobbin design.
Low primary to secondary coupling, balanced wind-
ings, no electrostatic shield required and low EMF
radiation due to semi-toroidal design.
Universal dual primary 115/230V - 50/60 Hz.
High insulation - Hipot of 1,750V RMS.
Class B insulation - 130 degrees C.
C UL US recognized.
Mechanical
A
1.56” (40 mm)
B
1.88” (48 mm)
C
0.65” (17 mm)
D
0.38” (10 mm)
D1
0.38” (10 mm)
E
1.60” (41 mm)
PC Board Spacing
0.75” (19 mm)
Pin Size
0.02” x 0.04” (1 mm x 1 mm)
Electrical
Size (VA)
2
Primary
115 /230V, 50 /60Hz
Secondary (RMS) Series
24V C.T. @ 100ma
Secondary (RMS) Parallel
12V @ 200ma
Regulation
30%


Similar Part No. - 229E24

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
229E20 HAMMOND-229E20 Datasheet
376Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
229E230 HAMMOND-229E230 Datasheet
376Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
More results

Similar Description - 229E24

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
229A120 HAMMOND-229A120 Datasheet
376Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
229A30 HAMMOND-229A30 Datasheet
376Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
229A12 HAMMOND-229A12 Datasheet
376Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
229C20 HAMMOND-229C20 Datasheet
376Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
229C12 HAMMOND-229C12 Datasheet
376Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
229C10 HAMMOND-229C10 Datasheet
376Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
229B24 HAMMOND-229B24 Datasheet
376Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
229E120 HAMMOND-229E120 Datasheet
376Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
229D16 HAMMOND-229D16 Datasheet
376Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
229D12 HAMMOND-229D12 Datasheet
377Kb / 1P
   Power Transformer - Dual Primary, Low Voltage PC Board Mount - Low Profile
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com