Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFSA27K0JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TFSA27K0JE
Description  Ideal to replace standard carbon com-position resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TFSA27K0JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TFSA27K0JE Datasheet HTML 1Page - Ohmite Mfg. Co. TFSA27K0JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
57
characteristics
Resistive Element Thick Film
Encapsulation Screen Printed Glass
Resistance Value 100Ω up to 100KΩ
Temperature Coefficient 100ppm/°C
Tolerance 1%, 2%, 5%, 10%
Operating Temperature -55°C to +200°C
Test VDE 0750 (Pulse Duration 10 msec)
tFs series
Surge Capable
Thick Film Non Inductive
Type
U (KV)
Energy* (J)
Power (W)
TFSA
3
6
0.5
TFSB
3.5
9
0.5
TFSC
4
11
0.75
TFSD
7
33
1
TFSE
7
44
1.5
TFSF
11
55
2
*Published energy rating is for 10ms pulse. For shorter pulses energy rat-
ing has to be derated according to Max. Individual Pulse Rating chart and
Single Pulse Energy Rating considerations.
F e a t u r e s
•Appropriateformedicalsurgeprotec-
tionapplications
•Idealtoreplacestandardcarboncom-
positionresistors
•Customdimensions,values,toler-
ancesandcharacteristicsavailable
Notes
• Momentary overload capability is 5 times rated power for 1 second or 2 times
rated power for 5 seconds. Always verify designs with pulse and surge condi-
tions through thorough testing of the design at maximum operating tempera-
ture and maximum pulse loading (or some margin above maximum pulse
loading).
• Damage to the resistor by excessive pulse loading is generally indicated by an
increasing resistance of the resistor.
• Energy ratings are based on single pulses (at least 1 minute between pulses).
• For multiple pulse applications the energy pulse rating should be reduced and
the average power should not exceed the nominal power rating of the selected
model.
• See Single Pulse Energy section for more information
TheTFSSerieshasbeenspecificallydevelopedtoabsorblarge
amountsofenergybyefficientuseofitscompactmass.Ideal
formedicalsurgeprotectionapplications,thesethickfilmresis-
torsoffernon-inductiveperformanceinanaxialpackage.
Usesincludepowersupplyconversion,electronmicroscopes,
X-raysystems,high-resolutionCRTdisplays,andgeophysical
instrumentrelatedproducts.
s eries s peci F ications
A
C
B
HE
0.50mm
0.25mm
Type
Watts
A
B
C
H
E
TFSA
0.5
9
5.5
10
0.7
1.1
TFSB
0.5
11
5.5
10
0.7
1.1
TFSC
0.75
13
5.5
10
0.7
1.1
TFSD
1
21
8
10
0.9
1.3
TFSE
1.5
21
10.5
10
0.9
1.3
TFSF
2
26
10.5
10
0.9
1.3
dimensions
mm
(continued)


Similar Part No. - TFSA27K0JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TFSA27K0JE OHMITE-TFSA27K0JE Datasheet
106Kb / 1P
   Surge Capable Thick Film Non Inductive
More results

Similar Description - TFSA27K0JE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCA0922 VISHAY-LCA0922 Datasheet
203Kb / 4P
   Carbon Film Resistors, Standard
Revision 03-Sep-03
CFA0207 VISHAY-CFA0207 Datasheet
90Kb / 2P
   Carbon Film Resistors, Standard
Revision 05-Jun-03
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
   Carbon Composition Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com