Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCH35PR510JE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # TCH35PR510JE
Description  Very Low Inductance Design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TCH35PR510JE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  TCH35PR510JE Datasheet HTML 1Page - Ohmite Mfg. Co. TCH35PR510JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
149
dimensions
(in./mm)
ordering in F ormation
Standard Part Numbers
TCH35P100RJE
TCH35P10K0JE
TCH35P10ROJE
TCH35P150RJE
TCH35P15R0JE
TCH35P1K00JE
TCH35P1K50JE
TCH35P1R00JE
TCH35P1R50JE
TCH35P200RJE
TCH35P20R0JE
TCH35P220RJE
TCH35P22R0JE
TCH35P240RJE
TCH35P24R0JE
TCH35P2K00JE
TCH35P2K20JE
TCH35P2K40JE
TCH35P2R00JE
TCH35P2R20JE
TCH35P2R40JE
TCH35P330RJE
TCH35P33R0JE
TCH35P390RJE
TCH35P39R0JE
TCH35P3K30JE
TCH35P3K90JE
TCH35P3R30JE
TCH35P3R90JE
TCH35P470RJE
TCH35P47R0JE
TCH35P4K70JE
TCH35P4R70JE
TCH35P510RJE
TCH35P51R0JE
TCH35P5K10JE
TCH35P5R10JE
TCH35P5R60JE
TCH35P750RJE
TCH35P75R0JE
TCH35P7K50JE
TCH35P7R50JE
TCH35PR100JE
TCH35PR150JE
TCH35PR200JE
TCH35PR220JE
TCH35PR240JE
TCH35PR330JE
TCH35PR390JE
TCH35PR470JE
TCH35PR510JE
TCH35PR560JE
TCH35PR750JE
TCH35PRO50JE
THIS PRODUCT IS DESIGNED FOR
USE WITH PROPER HEATSINKING.
Maximum base plate temperature of the resistor must
be monitored and kept within specified limits to es-
tablish the power rating. Best technique is to attach a
thermocouple to the side of the base plate of the resis-
tor. Temperature of plastic housing or heat sink cannot
be used to establish rating of the resistor.
Ohm Value
Example:
2R40 = 2.4 Ohms
2K40 = 2400 Ohms
Tolerance
F = 1%
J = 5% Standard
Series
TCH35P10R0JE
Package Code
RoHS Compliant
Non-compliant
version unavailable
0.390–0.410"
(9.91–10.41mm)
0.112–0.120"
(2.85–3.05mm)
0.046–0.054"
(1.17–1.37mm)
0.027–0.034"
(0.70–0.86mm)
0.500–0.579"
(12.70–14.70mm)
0.190–0.210"
(4.83–5.33mm)
0.047–0.055"
(1.20–1.40mm)
0.230–0.250"
(5.85–6.35mm)
0.571–0.591"
(14.50–15.00mm)
0.157" max.
(5.00mm)
0.022–0.028"
(0.55–0.70mm)
0.159–0.190"
(4.06–4.82mm)
0.080–0.089"
(2.05–2.25mm)
tch series
35 Watt TO220 Package Thick Film Power


Similar Part No. - TCH35PR510JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TCH35PR510JE OHMITE-TCH35PR510JE Datasheet
157Kb / 1P
   35 Watt TO220 Package Thick Film Power
More results

Similar Description - TCH35PR510JE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-100MT060WSP VISHAY-VS-100MT060WSP Datasheet
248Kb / 12P
   Very low stray inductance design for high speed operation
Revision: 10-Jun-15
logo
Ohmite Mfg. Co.
RES-WL OHMITE-RES-WL Datasheet
430Kb / 2P
   Very low inductance
logo
Vishay Siliconix
VS-GB100DA60UP VISHAY-VS-GB100DA60UP Datasheet
170Kb / 9P
   Very low internal inductance
Revision: 13-Sep-13
logo
Vincotech
10-FZ122PA050SC01-P997F18 VINCOTECH-10-FZ122PA050SC01-P997F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F10-PM VINCOTECH-V23990-P823-F10-PM Datasheet
737Kb / 15P
   Compact and Low Inductance Design
10-FZ122PA075SC-P998F08 VINCOTECH-10-FZ122PA075SC-P998F08 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F-PM VINCOTECH-V23990-P823-F-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ122PA100SC01-P999F18 VINCOTECH-10-FZ122PA100SC01-P999F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P824-F10-P2-14 VINCOTECH-V23990-P824-F10-P2-14 Datasheet
1Mb / 16P
   Compact and Low Inductance Design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com