Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDH35P68R0JE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # TDH35P68R0JE
Description  SMD - DPAK package configu-ration
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TDH35P68R0JE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  TDH35P68R0JE Datasheet HTML 1Page - Ohmite Mfg. Co. TDH35P68R0JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
39
D imensions
or D ering in F ormation
TDH35PR100JE -TR
Style
Ohms
R = Decimal
Example:
R100= 0.10
1R00= 1.0
10K0= 10,000
Tolerance
F = 1%
J = 5%
K = 10%
RoHS Compliant
Non-compliant
version unavailable
Tape and reel
(optional)
750 per reel
Package
Modifier
P = low temp.
H = high temp.
10.1mm
0.9mm
5.08m
Tol. ±0.2mm unless otherwise noted
m
1.1mm
±0.5
45
°
4.5mm
1.5mm
±0.5
0.6mm
1.5mm
±0.5
0.5mm
8.6mm
0.5mm
4.8mm
1.4mm
7.87mm
8.51mm
2.63mm
3.81mm
2.54mm
1.65mm
Land
Pattern
THIS PRODUCT IS DESIGNED FOR
USE WITH PROPER HEATSINKING.
Maximumbaseplatetemperatureoftheresistormust
be monitored and kept within specified limits to es-
tablish the power rating. Best technique is to attach a
thermocouple to the side of the base plate of the resis-
tor. Temperature of plastic housing or heat sink cannot
be used to establish rating of the resistor.
Standard Part Numbers
Part Number
Ohms
5% Tolerance
0.10
TDH35PR100JE
0.15
TDH35PR150JE
0.20
TDH35PR200JE
0.25
TDH35PR250JE
0.30
TDH35PR300JE
0.36
TDH35PR360JE
0.47
TDH35PR470JE
0.50
TDH35PR500JE
0.75
TDH35PR750JE
1.0
TDH35P1R00JE
2.0
TDH35P2R00JE
3.0
TDH35P3R00JE
5.0
TDH35P5R00JE
7.5
TDH35P7R50JE
10
TDH35P10R0JE
15
TDH35P15R0JE
20
TDH35P20R0JE
Part Number
Ohms
5% Tolerance
25
TDH35P25R0JE
33
TDH35P33R0JE
39
TDH35P39R0JE
47
TDH35P47R0JE
68
TDH35P68R0JE
75
TDH35P75R0JE
100
TDH35P100RJE
150
TDH35P150RJE
200
TDH35P200RJE
250
TDH35P250RJE
300
TDH35P300RJE
500
TDH35P500RJE
750
TDH35P750RJE
1000
TDH35P1K00JE
1500
TDH35P1K50JE
2500
TDH35P2K50JE
3000
TDH35P3K00JE
5000
TDH35P5K00JE
16mm
4.95mm
24mm
Tape Dimensions
750pc./reel
tDh series
35 Watt DPAK Package
Thick Film Power Surface Mount


Similar Part No. - TDH35P68R0JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TDH35P68R0JE OHMITE-TDH35P68R0JE Datasheet
160Kb / 1P
   35 Watt DPAK Package Thick Film Power Surface Mount
More results

Similar Description - TDH35P68R0JE

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
TO-252 CDIL-TO-252 Datasheet
240Kb / 5P
   TO-252 (DPAK) SMD Plastic Package
logo
KEC(Korea Electronics)
B3A45VD KEC-B3A45VD Datasheet
8Kb / 1P
   DPAK PACKAGE
KMB030N30D KEC-KMB030N30D Datasheet
368Kb / 1P
   DPAK PACKAGE
KF1N60I KEC-KF1N60I Datasheet
346Kb / 1P
   DPAK(1) PACKAGE
logo
Alpha & Omega Semicondu...
AOD5B65N1 AOSMD-AOD5B65N1 Datasheet
20Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
AOD522P AOSMD-AOD522P Datasheet
85Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
AOD4T60 AOSMD-AOD4T60 Datasheet
85Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
logo
Okaya Electric America,...
RE1601-001 OKAYA-RE1601-001 Datasheet
270Kb / 1P
   Duty ration : 1/16
logo
Alpha & Omega Semicondu...
AOD4158P AOSMD-AOD4158P Datasheet
87Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
AOD2544 AOSMD-AOD2544 Datasheet
84Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com