Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEH100M1R00JE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # TEH100M1R00JE
Description  Low thermal resistance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TEH100M1R00JE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  TEH100M1R00JE Datasheet HTML 1Page - Ohmite Mfg. Co. TEH100M1R00JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
153
0.610~0.630"
(15.49~16.01mm)
0.805~0.825"
(20.44~20.96mm)
0.200~0.220"
(5.07~5.59mm)
ø0.139~0.147"
(3.53~3.73mm)
0.136~0.150"
(3.45~3.81mm)
“M”
0.054~0.066"
(1.37~1.67mm)
“L”
0.042~0.054"
(1.07-1.37mm)
0.080~0.140"
(2.03~3.55mm)
0.390~0.410"
(9.90~10.42mm)
0.185~0.205"
(4.69~5.21mm)
0.085~0.105"
(2.15~2.67mm)
0.022~0.042"
(0.55~1.07mm)
0.520~0.620"
(13.21~15.75mm)
“M” option
“L” option
0.807~0.886"
(20.50~22.50mm)
TEH100M10R0JE
Series
Tolerance
F= 1%
J= 5%
Ohms
R = Decimal
Example:
2R50 = 2.50Ω
25R0= 25Ω
100R = 100Ω
1K00 = 1000Ω
RoHS Compliant
Non-compliant
version unavailble
Package Code
M = standard
L = long terminals
Standard part numbers
Ohms
5% tolerance
1% tolerance
0.05
TEH100MR050JE
0.075 TEH100MR075JE
0.1
TEH100MR100JE
0.2
TEH100MR200JE
0.5
TEH100MR500JE
1
TEH100M1R00JE
TEH100M1R00FE
2
TEH100M2R00JE
TEH100M2R00FE
2.5
TEH100M2R50JE
TEH100M2R50FE
3
TEH100M3R00JE
TEH100M3R00FE
5
TEH100M5R00JE
TEH100M5R00FE
7.5
TEH100M7R50JE
TEH100M7R50FE
10
TEH100M10R0JE
TEH100M10R0FE
15
TEH100M15R0JE
TEH100M15R0FE
20
TEH100M20R0JE
TEH100M20R0FE
25
TEH100M25R0JE
TEH100M25R0FE
50
TEH100M50R0JE
TEH100M50R0FE
100
TEH100M100RJE
TEH100M100RFE
270
TEH100M270RJE
470
TEH100M470RJE
750
TEH100M750RJE
1K
TEH100M1K00JE
5K
TEH100M5K00JE
7.5K
TEH100M7K50JE
TEH100 Series
100 Watt Thick Film Power Resistors for High
Frequency and Pulse Loading Applications
dim E n S ion S
(in./mm)
ord E ring in F ormaT ion


Similar Part No. - TEH100M1R00JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TEH100M1R00JE OHMITE-TEH100M1R00JE Datasheet
153Kb / 1P
   100 Watt Thick Film Power Resistors for High Frequency and Pulse Loading Applications
More results

Similar Description - TEH100M1R00JE

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
logo
Integrated Technology F...
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Vishay Siliconix
IRFIBC40GLC VISHAY-IRFIBC40GLC Datasheet
890Kb / 9P
   Low thermal resistance
Rev. B, 02-May-16
logo
STMicroelectronics
STTH8S12 STMICROELECTRONICS-STTH8S12 Datasheet
235Kb / 8P
   Low thermal resistance
September 2014 Rev 1
STGW80V60DF STMICROELECTRONICS-STGW80V60DF Datasheet
1Mb / 18P
   Low thermal resistance
January 2014 Rev 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com