Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC803-44D4VC3 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC803-44D4VC3
Description  3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC803-44D4VC3 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC803-44D4VC3 Datasheet HTML 3Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 4Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 5Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 6Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 7Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 8Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 9Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 10Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Micrel, Inc.
MIC803
August 3, 2015
7
Revision 1.2
Typical Characteristics
VCC Operating Supply Current
vs. Temperature
3
4
5
6
7
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VCC = 3.6V
VCC to /RESET Delay
vs. Temperature
0
5
10
15
20
25
30
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VCC = VTH to VTH-100mV
Reset Timeout Period (D3)
vs. Temperature
200
220
240
260
280
300
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VCC = 5.5V
Normalized Reset Threshold
vs. Temperature
0.988
0.992
0.996
1.000
1.004
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VCC Operating Supply Current
vs. Supply Voltage
0
2
4
6
8
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
VTH = 2.93V
Maximum Transient Duration
vs Overdrive
0
10
20
30
40
50
0
200
400
600
800
1000
OVERDRIVE VOLTAGE, VTH - VCC (mV)
VTH = 2.93V


Similar Part No. - MIC803-44D4VC3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803-44D4VC3 MICREL-MIC803-44D4VC3 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
More results

Similar Description - MIC803-44D4VC3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com