Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC803-44D4VC3 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC803-44D4VC3
Description  3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC803-44D4VC3 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC803-44D4VC3 Datasheet HTML 1Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 2Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 3Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 4Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 5Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 6Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 7Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 8Page - Micrel Semiconductor MIC803-44D4VC3 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Micrel, Inc.
MIC803
August 3, 2015
5
Revision 1.2
Absolute Maximum Ratings
(4)
Supply Voltage (VCC) ...................................... –0.3V to 6.0V
Reset Output (/RESET).................................. –0.3V to 6.0V
Input Current (VCC) ......................................................20mA
Output Current (/RESET) ............................................20mA
Rate of Rise (VCC) ................................................... 100V/µs
Junction Temperature (TJ)…………………………....+150°C
Lead Temperature (soldering, 10s)............................ 260°C
Storage Temperature (TS).........................–65°C to +150°C
ESD Rating
(6).................................................................. 3kV
Operating Ratings
(5)
Supply Voltage (VCC)........................................ 1.0V to 5.5V
Reset Output Voltage (/RESET) ...................... 0.0V to 5.5V
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
3-Pin SC70 (
θ
JA) .............................................. 260°C/W
3-Pin SOT-23 (
θ
JA)........................................... 203°C/W
Electrical Characteristics
(7)
For typical values, VCC = 5.0V for MIC803-46/44/41/40, VCC = 3.3V for MIC803-31/30/29, VCC = 3.0V for MIC803-26; TJ = 25°C,
Bold values indicate –40°C
≤ TJ ≤ +125°C; unless noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supply Input
Operating Voltage Range (VCC)
TJ = –40
˚C to +85˚C
1.0
5.5
V
TJ = –40
˚C to +125˚C
1.2
5.5
Supply Current (ICC)
TJ = –40
˚C to +85˚C
VCC = 5.5V, No Load
5.5
15
µA
VCC = 3.6V, No Load
4.5
10
TJ = +85
˚C to +125˚C
VCC = 5.5V, No Load
18
VCC = 3.6V, No Load
13
Voltage Threshold
Reset Threshold (VTH)
MIC803-46
TJ = –40
˚C to +85˚C
4.50
4.63
4.75
V
TJ = –40
˚C to +125˚C
4.44
4.82
MIC803-44
TJ = –40
˚C to +85˚C
4.25
4.38
4.50
TJ = –40
˚C to +125˚C
4.20
4.56
MIC803-41
TJ = –40
˚C to +85˚C
4.00
4.10
4.20
TJ = -40
˚C to +125˚C
3.97
4.24
MIC803-40
TJ = –40
˚C to +85˚C
3.89
4.00
4.10
TJ = –40
˚C to +125˚C
3.80
4.20
MIC803-31
TJ = –40
˚C to +85˚C
3.00
3.08
3.15
TJ = –40
˚C to +125˚C
2.95
3.21
Notes:
4.
Exceeding the absolute maximum ratings may damage the device.
5.
The device is not guaranteed to function outside its operating ratings.
6.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
7.
Specification for packaged product only.


Similar Part No. - MIC803-44D4VC3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803-44D4VC3 MICREL-MIC803-44D4VC3 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
More results

Similar Description - MIC803-44D4VC3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
   3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com