Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC861 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC861
Description  Teeny??Ultra-Low-Power Op Amp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC861 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC861 Datasheet HTML 3Page - Micrel Semiconductor MIC861 Datasheet HTML 4Page - Micrel Semiconductor MIC861 Datasheet HTML 5Page - Micrel Semiconductor MIC861 Datasheet HTML 6Page - Micrel Semiconductor MIC861 Datasheet HTML 7Page - Micrel Semiconductor MIC861 Datasheet HTML 8Page - Micrel Semiconductor MIC861 Datasheet HTML 9Page - Micrel Semiconductor MIC861 Datasheet HTML 10Page - Micrel Semiconductor MIC861 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micrel, Inc.
MIC861
September 9, 2014
10
Revision 3.0
Functional Characteristics (Continued)
Applications Information
Regular supply bypassing techniques are recommended.
A 10µF capacitor in parallel with a 0.1µF capacitor on both
the positive and negative supplies is ideal. For best
performance, all bypassing capacitors should be located
as close to the op amp as possible and all capacitors
should be low equivalent series inductance (ESL) and
equivalent
series
resistance
(ESR).
Surface-mount
ceramic capacitors are ideal.


Similar Part No. - MIC861

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
   Teeny Ultra Low Power Op Amp Final Information
logo
Microchip Technology
MIC861 MICROCHIP-MIC861 Datasheet
2Mb / 24P
   Ultra-Low Power Operational Amplifier
02/28/20
logo
Micrel Semiconductor
MIC861BC5 MICREL-MIC861BC5 Datasheet
173Kb / 12P
   Teeny Ultra Low Power Op Amp Final Information
MIC861BC5 MICREL-MIC861BC5 Datasheet
613Kb / 12P
   Teeny Ultra Low Power Op Amp
MIC861YC5 MICREL-MIC861YC5 Datasheet
613Kb / 12P
   Teeny Ultra Low Power Op Amp
More results

Similar Description - MIC861

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
   Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
   Teeny??Ultra Low Power Op Amp
MIC861 MICREL-MIC861_06 Datasheet
613Kb / 12P
   Teeny Ultra Low Power Op Amp
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
   Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
   Teeny??Ultra-Low Power Op Amp
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
   Teeny Ultra Low Power Op Amp Final Information
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
   Ultra-Low Power Op Amp
02/28/20
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com