Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC910 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC910
Description  135MHz, Low-Power SOT-23-5 Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC910 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC910_14 Datasheet HTML 1Page - Micrel Semiconductor MIC910_14 Datasheet HTML 2Page - Micrel Semiconductor MIC910_14 Datasheet HTML 3Page - Micrel Semiconductor MIC910_14 Datasheet HTML 4Page - Micrel Semiconductor MIC910_14 Datasheet HTML 5Page - Micrel Semiconductor MIC910_14 Datasheet HTML 6Page - Micrel Semiconductor MIC910_14 Datasheet HTML 7Page - Micrel Semiconductor MIC910_14 Datasheet HTML 8Page - Micrel Semiconductor MIC910_14 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
MIC910
Electrical Characteristics (±9V)
VV+ = +9V; VV− = −9V, VCM = 0V, VOUT = 0V; RL = 10M
Ω; TJ = +25°C, bold values indicate –40°C ≤ TJ ≤ +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOS
Input Offset Voltage
1
15
mV
Input Offset Voltage Temperature Coefficient
4
µV/
°C
IB
Input Bias Current
3.5
5.5
µA
9
IOS
Input Offset Current
0.05
3
µA
VCM
Input Common-Mode Range
CMRR
> 60dB
−7.25
+7.25
V
CMRR
Common-Mode Rejection Ratio
−6.5V < V
CM < +6.5V
70
98
dB
60
AVOL
Large-Signal Voltage Gain
RL = 2k
Ω, VOUT = ±6V
60
73
dB
VOUT
Maximum Output Voltage Swing
Positive, RL = 2k
Ω
+7.2
7.4
V
+6.8
Negative, RL = 2k
Ω
−7.4
−7.2
−6.8
GBW
Gain Bandwidth Product
RL = 1k
Ω
135
MHz
SR
Slew Rate
270
V/µs
IGND
Short-Circuit Output Current
Source
90
mA
Sink
32
Supply Current
2.5
3.7
4.3
September 19, 2014
4
Revision 2.0


Similar Part No. - MIC910_14

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910BM5 MICREL-MIC910BM5 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC910BM5 MICREL-MIC910BM5 Datasheet
135Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
More results

Similar Description - MIC910_14

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910_01 Datasheet
135Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
   160MHz Low-Power SOT-23-5 Op Amp
MIC911 MICREL-MIC911 Datasheet
204Kb / 12P
   105MHz Low-Power SOT-23-5 Op Amp
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
   200MHz Low-Power SOT-23-5 Op Amp
MIC913 MICREL-MIC913 Datasheet
180Kb / 12P
   350MHz Low-Power SOT-23-5 Op Amp
MIC915 MICREL-MIC915 Datasheet
142Kb / 12P
   Dual 135MHz Low-Power Op Amp
MIC915 MICREL-MIC915_14 Datasheet
2Mb / 14P
   Dual 135MHz Low-Power Op Amp
MIC916 MICREL-MIC916_05 Datasheet
185Kb / 12P
   Triple 135MHz Low-Power Op Amp
MIC916 MICREL-MIC916 Datasheet
144Kb / 13P
   Triple 135MHz Low-Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com