Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB08-XXXSW Datasheet(PDF) 10 Page - STMicroelectronics

Part # BTB08-XXXSW
Description  8A TRIACS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB08-XXXSW Datasheet(HTML) 10 Page - STMicroelectronics

Back Button BTB08-XXXSW Datasheet HTML 3Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 4Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 5Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 6Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 7Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 8Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 9Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 10Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
BTA08, BTB08 and T8 Series
10/11
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
Table 8: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BTA/BTB08-xxxyzRG
BTA/BTB08-xxxyz
TO-220AB
2.3 g
50
Tube
T8yy-xxxG
T8yyxx
D2PAK
1.5 g
50
Tube
T8yy-xxxG-TR
T8yyxx
1000
Tape & reel
T8yy-xxxB
T8yyxx
DPAK
0.3 g
75
Tube
T8yy-xxxB-TR
T8yyxx
2500
Tape & reel
T8yy-xxxH
T8yyxx
IPAK
0.4 g
75
Tube
Note: xxx = voltage, yy = sensitivity, z = type
Table 9: Revision History
Date
Revision
Description of Changes
Apr-2002
5A
Last update.
13-Feb-2006
6
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.


Similar Part No. - BTB08-XXXSW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB08-XXXSW STMICROELECTRONICS-BTB08-XXXSW Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - BTB08-XXXSW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com