Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2033-08AYMT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2033-08AYMT
Description  High-Accuracy, High-Side, Fixed Current Limit Power Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2033-08AYMT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2033-08AYMT Datasheet HTML 1Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 2Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 3Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 4Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2033-08AYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Micrel, Inc.
MIC2033
November 11, 2015
4
Revision 1.1
Absolute Maximum Ratings
(1)
VIN to GND....................................................... −0.3V to +6V
VOUT to GND ...................................................... −0.3V to VIN
VCSLEW to GND................................................. −0.3V to +6V
VEN to GND...................................................... −0.3V to +6V
VFAULT/ to GND ................................................. −0.3V to +6V
FAULT/ Current (IFAULT/) ..............................................25mA
Maximum Power Dissipation (PD) .............Internally Limited
Lead Temperature (soldering, 10 sec.) ...................... 260°C
Storage Temperature (TS)......................... −65°C to +150°C
ESD Rating
(2)
HBM ......................................................................... 3kV
MM .........................................................................300V
Operating Ratings
(3)
Supply Voltage (VIN)..................................... +2.5V to +5.5V
VEN, VFAULT/ ................................................... −0.3V to +5.5V
VCSLEW, VOUT ...................................................... −0.3V to VIN
Ambient Temperature Range (TA) .............. –40°C to +85°C
Junction Temperature (TJ) ........................ –40°C to +125°C
Package Thermal Resistance
SOT-23-6 (
θ
JA) .............................................. 177.2°C/W
6-pin 2mm
× 2mm DFN (θ
JA) ............................. 90°C/W
Electrical Characteristics
(4)
VIN = VEN = 5V; CIN = 1µF; CCSLEW = 0.1µF; COUT = 1µF; TJ = 25°C. Bold values indicate –
40°C ≤ TJ ≤ +125°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
VIN
Input Voltage
Range
2.5
5.5
V
VUVLO
Input Supply
Undervoltage
Lockout
Threshold
VIN rising
2.0
2.25
2.5
V
VIN falling
1.9
2.15
2.4
VUVLOHYS
Input Supply
Undervoltage
Lockout
Threshold
Hysteresis
VIN rising or VIN falling
100
mV
IDD
Supply Current
Switch OFF; Active High enable (A): VEN =
0V, VIN = 5V, IOUT = 0A
0.75
5
µA
Switch OFF; Active Low Enable (B): VEN =
VIN = 5V, IOUT = 0A
Switch ON; Active High Enable (A): VEN =
1.5V, VIN = 5V, IOUT = 0A
100
300
µA
Switch ON; Active Low Enable (B): VEN =
0V, VIN = 5V, IOUT = 0A
Power MOSFET
RDS-ON
Switch On-
Resistance
VIN = 2.5V, IOUT = 350mA
100
177
m
VIN = 3.3V, IOUT = 350mA
85
145
VIN = 5V, IOUT = 350mA
75
125
ILKG
Output
Leakage
Current
Switch OFF, VOUT = 0V
0.22
15
µA


Similar Part No. - MIC2033-08AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2033-08AYMT MICREL-MIC2033-08AYMT Datasheet
654Kb / 20P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
More results

Similar Description - MIC2033-08AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033 Datasheet
654Kb / 20P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Microchip Technology
MIC2033 MICROCHIP-MIC2033 Datasheet
1Mb / 28P
   High-Accuracy, High-Side, Fixed Current-Limit Power Switch
09/14/21
MIC2039 MICROCHIP-MIC2039 Datasheet
2Mb / 28P
   High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
logo
Micrel Semiconductor
MIC2039 MICREL-MIC2039 Datasheet
694Kb / 21P
   High-Accuracy, High-Side, Adjustable Current Limit Power Switch
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
   Programmable Current-Limit High-Side Switch
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
logo
Rohm
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
logo
Micrel Semiconductor
MIC2545A MICREL-MIC2545A Datasheet
288Kb / 16P
   Programmable Current Limit High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com