Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2583-JYQS Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2583-JYQS
Description  Single-Channel Hot Swap Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2583-JYQS Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2583-JYQS Datasheet HTML 1Page - Micrel Semiconductor MIC2583-JYQS Datasheet HTML 2Page - Micrel Semiconductor MIC2583-JYQS Datasheet HTML 3Page - Micrel Semiconductor MIC2583-JYQS Datasheet HTML 4Page - Micrel Semiconductor MIC2583-JYQS Datasheet HTML 5Page - Micrel Semiconductor MIC2583-JYQS Datasheet HTML 6Page - Micrel Semiconductor MIC2583-JYQS Datasheet HTML 7Page - Micrel Semiconductor MIC2583-JYQS Datasheet HTML 8Page - Micrel Semiconductor MIC2583-JYQS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MIC2582/MIC2583
Single-Channel Hot Swap Controllers
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 23, 2014
Revision 5.0
General Description
The MIC2582 and MIC2583 are single-channel positive
voltage hot swap controllers designed to allow the safe
insertion of boards into live system backplanes. The
MIC2582 and MIC2583 are available in 8-pin SOIC and
16-pin QSOP packages, respectively. Using a few external
components and by controlling the gate drive of an
external N-Channel MOSFET device, the MIC2582/83
provide inrush current limiting and output voltage slew rate
control in harsh, critical power supply environments.
Additionally, a circuit breaker function will latch the output
MOSFET off if the current-limit threshold is exceeded for a
determined period. The MIC2583R option includes an
auto-restart function upon detecting an over current
condition.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
 MIC2582: Pin-for-pin functional equivalent to the
LTC1422
 2.3V to 13.2V supply voltage operation
 Surge voltage protection up to 20V
 Current regulation limits inrush current regardless of
load capacitance
 Programmable inrush current limiting
 Electronic circuit breaker
 Optional dual-level overcurrent threshold detects
excessive load faults
 Fast response to short-circuit conditions (<1µs)
 Programmable output under-voltage detection
 Undervoltage Lockout (UVLO) protection
 Auto-restart function (MIC2583R)
 Power-on-Reset (POR) status output
 Power good (PG) status output (MIC2583 and
MIC2583R)
 /FAULT status output (MIC2583 and MIC2583R)
Applications
 RAID systems
 Base stations
 PC board hot swap insertion and removal
 +12V backplanes
 Network switches
Typical Application


Similar Part No. - MIC2583-JYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2583-JYQS MICREL-MIC2583-JYQS Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2583-JYQS-TR MICROCHIP-MIC2583-JYQS-TR Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
More results

Similar Description - MIC2583-JYQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com