Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB08-XXXCW Datasheet(PDF) 9 Page - STMicroelectronics

Part # BTB08-XXXCW
Description  8A TRIACS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB08-XXXCW Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BTB08-XXXCW Datasheet HTML 3Page - STMicroelectronics BTB08-XXXCW Datasheet HTML 4Page - STMicroelectronics BTB08-XXXCW Datasheet HTML 5Page - STMicroelectronics BTB08-XXXCW Datasheet HTML 6Page - STMicroelectronics BTB08-XXXCW Datasheet HTML 7Page - STMicroelectronics BTB08-XXXCW Datasheet HTML 8Page - STMicroelectronics BTB08-XXXCW Datasheet HTML 9Page - STMicroelectronics BTB08-XXXCW Datasheet HTML 10Page - STMicroelectronics BTB08-XXXCW Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BTA08, BTB08 and T8 Series
9/11
Figure 19: TO-220AB Package Mechanical Data
Figure 20: IPAK Package Mechanical Data
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M
H
L
L1
G
e
B5
B
V1
D
C
A1
A3
A
C2
B3
L2
E
B2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.20
2.40
0.086
0.094
A1
0.90
1.10
0.035
0.043
A3
0.70
1.30
0.027
0.051
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.212
B3
0.95
0.037
B5
0.30
0.035
C
0.45
0.60
0.017
0.023
C2
0.48
0.60
0.019
0.023
D
6
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
e
2.28
0.090
G
4.40
4.60
0.173
0.181
H
16.10
0.634
L
9
9.40
0.354
0.370
L1
0.8
1.20
0.031
0.047
L2
0.80
1
0.031 0.039
V1
10°
10°
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102


Similar Part No. - BTB08-XXXCW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB08-XXXCW STMICROELECTRONICS-BTB08-XXXCW Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - BTB08-XXXCW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com