Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA050PA Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # TA050PA
Description  High Power Density
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TA050PA Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  TA050PA Datasheet HTML 1Page - Ohmite Mfg. Co. TA050PA Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
104
Series
Wattage
P
Length L
Height H
TA203PA
3.0 0.200 / 5.08 0.50 / 12.70 0.60 / 15.24
TA303PA
3.0 0.300 / 7.62 0.50 / 12.70 0.60 / 15.24
TA205PA
5.0 0.200 / 5.08 0.50 / 12.70 1.00 / 25.40
TA305PA
5.0 0.300 / 7.62 0.50 / 12.70 1.00 / 25.40
TA605PA
5.0 0.600 / 15.24 1.00 / 25.40 0.50 / 12.70
TA805PA
5.0 0.800 / 20.32 1.00 / 25.40 0.50 / 12.70
TA207PA
7.5 0.200 / 5.08 0.75 / 19.05 1.00 / 25.40
TA307PA
7.5 0.300 / 7.62 0.75 / 19.05 1.00 / 25.40
TA310PA 10.0 0.300 / 7.62 1.00 / 25.40 1.00 / 25.40
TA310PW* 10.0 0.300 / 7.62 1.085 / 27.56 1.00 / 25.40
TA810PA 10.0 0.800 / 20.32 1.00 / 25.40 1.00 / 25.40
TA810PW* 10.0 0.800 / 20.32 1.085 / 27.56 1.00 / 25.40
TA025PA 25.0 1.90 / 48.3 2.220 / 56.39 1.170 / 29.70
TA025PY* 25.0 1.90 / 48.3 2.220 / 56.39 1.170 / 29.70
TA050PA 50.0 1.90 / 48.3 2.220 / 56.39 2.270 / 57.60
TA050PY* 50.0 1.90 / 48.3 2.220 / 56.39 2.270 / 57.60
TA100PA 100.0 4.10 / 104.1 4.420 / 112.27 2.270 / 57.60
TA100PY* 100.0 4.10 / 104.1 4.420 / 112.27 2.270 / 57.60
*10-100 watts available in PW,PA, and PY packages.
Power Rating:
03 = 3 W
05 = 5
07 = 7.5
10 = 10
025 = 25
050 = 50
100 = 100
TA 3 05P A4K50J E
Series
Tolerance
K = 10%
J = 5%
F = 1%
Package:
PA = pin terminals,
std. for 3-10 W
PW = wraparound,
std. for 10-100 W
PY = high-stability
wraparound
Resistance Value (
Ω)
R250 = 0.25
10R0 = 10.0
2K00 = 2,000
45K0 = 45,000
Pin spacing
(on 3-10W models only)
2 = .2"
3 = .3"
8 = .8"
RoHS compliant
H
0.020" / 0.51 mm typ.
P
L
L+0.08"/2mm max.
0.200" / 5.08 mm
0.075" / 1.91 mm dia. finished pins
0.070" /
1.78 mm
0.040" / 1.02 mm
0.240" /
6.10 mm
0.300" /
7.62 mm
0.195" /
4.95 mm
0.855" /
21.72 mm
0.040" /
1.02 mm
typ.
PA
3, 5, 7.5
& 10 watt
PW
10, 25, 50
& 100 watt
PY
mount
P
L
0.07"/1.78mm
H
0.17"/4.32mm
0.10"/2.54mm
0.02" x 0.015" Pins
typical
PC board
0.150" / 3.8 mm
min.
0.150" /
3.8 mm
min.
Standard part numbers for TA series
= Most popular standard values,  = Stock values
D i M e NS i ONS
(±.020 in. / ±.508mm)
TA Series
Power Chip
Thick Film on Alumina Substrate
O r D eri NG i NFO r MAT i ON
Part Number
Part No.
Prefix 
Suffix
Part Number
Part No.
Prefix 
Suffix
Part Number
Part No.
Prefix 
Suffix
0.25 –––R250J   
1.00 –––1R00J  
1.50 –––1R50J         
2.00 –––2R00J      
4.70 –––4R70J        
5.00 –––5R00J     
5.10 –––5R10J         
7.50 –––7R50J         
8.20 –––8R20J         
10.00 –––10ROJ
11.00 –––11R0J         
12.00 –––12R0J         
15.00 –––15R0J        
20.00 –––20R0J    
24.00 –––24R0J         
27.00 –––27R0J        
33.00 –––33R0J         
47.00 –––47R0J       
50.00 –––50R0J  
62.00 –––62R0J         
68.00 –––68R0J        
75.00 –––75R0J         
100.00 –––100RJ
150.00 –––150RJ         
200.00 –––200RJ     
250.00 –––250RJ         
270.00 –––270RJ        
300.00 –––300RJ       
470.00 –––470RJ    
500.00 –––560
  
620.00 –––620RJ         
680.00 –––680RJ         
1,000.00 –––1K00J  
1,500.00 –––1K50J      
1,800.00 –––1K80J         
2,000.00 –––2K00J        
2,500.00 –––2K50J         
3,000.00 –––3K00J        
4,000.00 –––4K00J         
4,700.00 –––4K70J       
5,000.00 –––5K00J         
5,100.00 –––5K10J        
7,500.00 –––7K50J        
10,000.00 –––10K0J  
15,000.00 –––15K0J         
18,000.00 –––18K0J       
20,000.00 –––20K0J      
30,000.00 –––30K0J         
39,000.00 –––39K0J         
50,000.00 –––50K0J         
75,000.00 –––75K0J         
100,000
–––100KJ       
150,000
–––150KJ         
200,000
–––200KJ         


Similar Part No. - TA050PA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA050PW ETC1-TA050PW Datasheet
170Kb / 1P
   Power Chip Resistors Thick Film on Alumina Substrate
More results

Similar Description - TA050PA

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
   High power density
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
   High Power Density
logo
Wall Industries,Inc.
HVIB WALL-HVIB Datasheet
328Kb / 11P
   High Power Density
logo
Ohmite Mfg. Co.
ARF OHMITE-ARF Datasheet
250Kb / 2P
   High power density
logo
List of Unclassifed Man...
AUIRF8739L2 ETC2-AUIRF8739L2 Datasheet
708Kb / 2P
   High Power Density
logo
Ohmite Mfg. Co.
ACL-ARF OHMITE-ACL-ARF Datasheet
250Kb / 2P
   High power density
logo
XP Power Limited
AML120 XPPOWER-AML120 Datasheet
143Kb / 2P
   High Power Density
logo
Zowie Technology Corpor...
1.5SMPC ZOWIE-1.5SMPC Datasheet
122Kb / 3P
   High power density 1.5KW TVS
4.5SMCC16AH ZOWIE-4.5SMCC16AH Datasheet
73Kb / 2P
   High power density 4500W TVS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com