Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32329C1805J0 Datasheet(PDF) 7 Page - TDK Electronics

Part # B32329C1805J0
Description  Motor run capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32329C1805J0 Datasheet(HTML) 7 Page - TDK Electronics

  B32329C1805J0 Datasheet HTML 1Page - TDK Electronics B32329C1805J0 Datasheet HTML 2Page - TDK Electronics B32329C1805J0 Datasheet HTML 3Page - TDK Electronics B32329C1805J0 Datasheet HTML 4Page - TDK Electronics B32329C1805J0 Datasheet HTML 5Page - TDK Electronics B32329C1805J0 Datasheet HTML 6Page - TDK Electronics B32329C1805J0 Datasheet HTML 7Page - TDK Electronics B32329C1805J0 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Film Capacitors – AC Capacitors
B32329
Motor run capacitors
B32329 – MotorCap
CAP RD FILM PD AC
September 2016
Please read Cautions and warnings and
Page 7 of 8
Important notes at the end of this document.
Composition of ordering code:
#: construction
1
plastic can
3
plastic can with M8 bolt
5
plastic can with locking clip, available for diameters 30 mm, 32 mm and 35 mm,
others on request
*: Wire length (dimension ‘b’, s in drawing)
Note: Dimension “b” and “s” will vary as per requirement.
Cautions and warnings
Please read “Applications warning, installation and maintenance instructions” and the “ZVEI -
General safety recommendations for power capacitors”, which are available on the Internet at
www.epcos.com/ac_capacitors
, to ensure optimum performance and to prevent products
from failing, and in worst case, bursting and fire. Information given in the data sheet reflects
typical specifications.


Similar Part No. - B32329C1805J0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32329C1805J013 EPCOS-B32329C1805J013 Datasheet
402Kb / 8P
   Film capacitors - AC capacitors
B32329C1805J017 EPCOS-B32329C1805J017 Datasheet
402Kb / 8P
   Film capacitors - AC capacitors
B32329C1805J019 EPCOS-B32329C1805J019 Datasheet
402Kb / 8P
   Film capacitors - AC capacitors
B32329C1805J033 EPCOS-B32329C1805J033 Datasheet
402Kb / 8P
   Film capacitors - AC capacitors
B32329C1805J037 EPCOS-B32329C1805J037 Datasheet
402Kb / 8P
   Film capacitors - AC capacitors
More results

Similar Description - B32329C1805J0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C878BF34300AA4J KEMET-C878BF34300AA4J Datasheet
400Kb / 10P
   Motor Run Capacitors
logo
TDK Electronics
B32328 TDK-B32328_16 Datasheet
128Kb / 8P
   Motor run capacitors
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
   AC Motor Run Capacitors
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
logo
EPCOS
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com