Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAH20P220RJE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # TAH20P220RJE
Description  Frequency Conversion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TAH20P220RJE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  TAH20P220RJE Datasheet HTML 1Page - Ohmite Mfg. Co. TAH20P220RJE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
146
dimensions
(iin./mm)
ordering in F ormation
0.400–0.420"
(10.15–10.67mm)
0.630–0.650"
(16.00–16.52mm)
0.450–0.550"
(11.43–13.97mm)
0.100–0.160"
(2.54–4.06mm)
0.045–0.055"
(1.14–1.40mm)
0.026–0.034"
(0.66–0.86mm)
0.190–0.210"
(4.82–5.34mm)
0.115–0.135"
(2.92–3.44mm)
0.016–0.024"
(0.40–0.60mm)
0.060–0.080"
(1.52–2.04mm)
Standard Part Numbers
TAH20P100RJE
TAH20P10K0JE
TAH20P10R0JE
TAH20P150RJE
TAH20P15R0JE
TAH20P1K00JE
TAH20P1K50JE
TAH20P1R00JE
TAH20P1R50JE
TAH20P200RJE
TAH20P20R0JE
TAH20P220RJE
TAH20P22R0JE
TAH20P240RJE
TAH20P24R0JE
TAH20P2K00JE
TAH20P2K20JE
TAH20P2K40JE
TAH20P2R00JE
TAH20P2R20JE
TAH20P2R40JE
TAH20P330RJE
TAH20P33R0JE
TAH20P390RJE
TAH20P39R0JE
TAH20P3K30JE
TAH20P3K90JE
TAH20P3R30JE
TAH20P3R90JE
TAH20P470RJE
TAH20P47R0JE
TAH20P4K70JE
TAH20P4R70JE
TAH20P510RJE
TAH20P51R0JE
TAH20P5K10JE
TAH20P5R10JE
TAH20P750RJE
TAH20P75R0JE
TAH20P7K50JE
TAH20P7R50JE
TAH20PR050JE
TAH20PR100JE
TAH20PR150JE
TAH20PR200JE
TAH20PR220JE
TAH20PR240JE
TAH20PR330JE
TAH20PR390JE
TAH20PR470JE
TAH20PR510JE
TAH20PR750JE
Ohm Value
Example:
2R40 = 2.4 Ohms
2K40 = 2400 Ohms
Tolerance
F = 1%
J = 5% Standard
Series
TAH20P10R0JE
Package Code
RoHS Compliant
Non-compliant
version unavailable
tah series
20 Watt TO220 Package
Thick Film Power
THIS PRODUCT IS DESIGNED FOR USE WITH PROPER HEATSINKING.
Maximum base plate temperature of the resistor must be monitored and kept within specified limits to establish the
power rating. Best technique is to attach a thermocouple to the side of the base plate of the resistor. Temperature of
plastic housing or heat sink cannot be used to establish rating of the resistor.


Similar Part No. - TAH20P220RJE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TAH20P220RJE OHMITE-TAH20P220RJE Datasheet
110Kb / 1P
   20 Watt TO220 Package Thick Film Power
More results

Similar Description - TAH20P220RJE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8911 NSC-DS8911 Datasheet
182Kb / 10P
   Sound Up-Conversion Frequency Synthesizer
logo
Panasonic Semiconductor
2SK0065 PANASONIC-2SK0065 Datasheet
74Kb / 3P
   For Impedance Conversion In Low Frequency
2SK3426 PANASONIC-2SK3426 Datasheet
59Kb / 3P
   For Impedance Conversion In Low Frequency
logo
ON Semiconductor
CPH6074 ONSEMI-CPH6074 Datasheet
191Kb / 3P
   For VHF frequency conversion local oscillation
Jan-2011, Rev. 0
logo
Panasonic Semiconductor
2SK0123 PANASONIC-2SK0123 Datasheet
46Kb / 3P
   For Impedance Conversion In Low Frequency
logo
Sanyo Semicon Device
CPH6074 SANYO-CPH6074 Datasheet
254Kb / 3P
   For VHF frequency conversion, local oscillation
logo
DDK Ltd.
ADAPTER DDK-ADAPTER Datasheet
673Kb / 31P
   Conversion Connector
logo
Maxim Integrated Produc...
MAX2121 MAXIM-MAX2121 Datasheet
331Kb / 18P
   Complete Direct-Conversion L-Band Tuner 925MHz to 2175MHz Frequency Range
Rev 0; 6/11
logo
Diodes Incorporated
DMP2002UPS DIODES-DMP2002UPS Datasheet
648Kb / 7P
   High Conversion Efficiency
logo
Asahi Kasei Microsystem...
AK2401 AKM-AK2401 Datasheet
2Mb / 103P
   Direct Conversion Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com