Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLIM-MOX30603 Datasheet(PDF) 3 Page - Ohmite Mfg. Co.

Part # SLIM-MOX30603
Description  Current pulse limiters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SLIM-MOX30603 Datasheet(HTML) 3 Page - Ohmite Mfg. Co.

  SLIM-MOX30603 Datasheet HTML 1Page - Ohmite Mfg. Co. SLIM-MOX30603 Datasheet HTML 2Page - Ohmite Mfg. Co. SLIM-MOX30603 Datasheet HTML 3Page - Ohmite Mfg. Co. SLIM-MOX30603 Datasheet HTML 4Page - Ohmite Mfg. Co. SLIM-MOX30603 Datasheet HTML 5Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
75
Slim-Mox ht
High Temperature Thick Film Precision
B
A
D
C
0.07"
1.3"
typ.
Ohmite
Resistance
Power
Voltage
Series
Range (Ohms)
@25°C
Rating
SLIM-MOX10002 100Ω to 500M
0.40W
1.5KV
SLIM-MOX10102 100Ω to 1,000M
0.75W
2.0KV
SLIM-MOX10202 200Ω to 5,000M
1.50W
5.0KV
SLIM-MOX10302 250Ω to 5,000M
2.00W
7.5KV
SLIM-MOX10402 500Ω to 5,000M
2.50W
10.0KV
SLIM-MOX10602 750Ω to 5,000M
3.25W
15.0KV
SLIM-MOX10802
1K to 5,000M
4.25W
20.0KV
SLIM-MOX20202 500Ω to 5,000M
2.50W
5.0KV
SLIM-MOX20402
1K to 5,000M
3.25W
10.0KV
SLIM-MOX20602
2K to 5,000M
4.25W
15.0KV
SLIM-MOX20802
2K to 5,000M
5.00W
20.0KV
SLIM-MOX21002
3K to 5,000M
5.75W
25.0KV
SLIM-MOX30602
3K to 5,000M
5.50W
15.0KV
SLIM-MOX30802
4K to 5,000M
6.75W
20.0KV
SLIM-MOX31002
5K to 5,000M
7.50W
25.0KV
SLIM-MOX40402
3K to 5,000M
5.00W
10.0KV
SLIM-MOX40802
5K to 5,000M
8.25W
20.0KV
SLIM-MOX41002
5K to 5,000M
9.00W
25.0KV
Contact Ohmite for custom configurations.
Series
Power @25°C
A max.
B max.
C ±0.025
D ±0.002
SLIM-MOX10002
0.40W
0.20” / 5.08
0.20” / 5.08
0.10” / 2.54
0.025” / 0.635
SLIM-MOX10102
0.75W
0.25” / 6.35
0.25” / 6.35
0.20” / 5.08
0.025” / 0.635
SLIM-MOX10202
1.50W
0.25” / 6.35
0.50” / 12.70 0.40” / 10.16
0.032” / 0.813
SLIM-MOX10302
2.00W
0.25” / 6.35
0.75” / 19.05 0.60” / 15.24
0.032” / 0.813
SLIM-MOX10402
2.50W
0.25” / 6.35
1.00” / 25.40 0.90” / 22.86
0.032” / 0.813
SLIM-MOX10602
3.25W
0.25” / 6.35
1.50” / 38.10 1.40” / 35.56
0.032” / 0.813
SLIM-MOX10802
4.25W
0.25” / 6.35
2.00” / 50.80 1.90” / 48.26
0.032” / 0.813
SLIM-MOX20202
2.50W
0.50” / 12.70
0.50” / 12.70 0.40” / 10.16
0.032” / 0.813
SLIM-MOX20402
3.25W
0.50” / 12.70
1.00” / 38.10 0.90” / 22.86
0.032” / 0.813
SLIM-MOX20602
4.25W
0.50” / 12.70
1.50” / 38.10 1.40” / 35.56
0.032” / 0.813
SLIM-MOX20802
5.00W
0.50” / 12.70
2.00” / 50.80 1.90” / 48.26
0.032” / 0.813
SLIM-MOX21002
5.75W
0.50” / 12.70
2.50” / 63.50 2.40” / 60.96
0.032” / 0.813
SLIM-MOX30602
5.50W
0.75” / 19.05
1.50” / 38.10 1.40” / 35.56
0.032” / 0.813
SLIM-MOX30802
6.75W
0.75” / 19.05
2.00” / 50.80 1.90” / 48.26
0.032” / 0.813
SLIM-MOX31002
7.50W
0.75” / 19.05
2.50” / 63.50 2.40” / 60.96
0.032” / 0.813
SLIM-MOX40402
5.00W
1.00” / 25.40
1.00” / 25.40 0.90” / 22.86
0.032” / 0.813
SLIM-MOX40802
8.25W
1.00” / 25.40
2.00” / 50.80 1.90” / 48.26
0.032” / 0.813
SLIM-MOX41002
9.00W
1.00” / 25.40
2.50” / 63.50 2.40” / 60.96
0.032” / 0.813
Resistor Element Thick film on Alumina
Coating Silicone
Resistance Range 100Ω to 5,000M
Power Rating 0.25W to 9.0W
Voltage Rating 1.5KV to 25KV
Tolerance 0.5% to 20%; not all toler-
ances available in all values
Operating
Temperature
-55°C to +180°C
TheSlim-MoxHTprovidesahigherpowerratingforhighambi-
ent temperature environments. Appropriate for mounting near
heatgeneratingcomponents.TheSlim-MoxHTisfinishedwith
a rugged silicone coating suitable for most environments.
Fe A ture S
•Outstandingvoltagecoefficient
•Hightemperaturesiliconecoating
•Lowresistornoise
•Noninductive
•Customconfigurationsareavailable.
ContactOhmitewithyourspecifications
•RoHScompliant
•RadialTerminals
Applic A tion S
•HVpowersupplies
•Medicalinstrumentation
•Currentpulselimiters
•Ionizationchambers
c h A r A cteri S tic S
Serie S Speci F ic Ation S
di M en S ion S
in. /mm


Similar Part No. - SLIM-MOX30603

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
SLIMPLANETARY LINENGINEERING-SLIMPLANETARY Datasheet
860Kb / 5P
   GEARBOXES
More results

Similar Description - SLIM-MOX30603

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
   Inrush current limiters
logo
AMETHERM Circuit Protec...
995-MS12-15102 AMETHERM-995-MS12-15102 Datasheet
385Kb / 1P
   MEGASURGE MS SERIES - INRUSH CURRENT LIMITERS
logo
EPCOS
B59412C1130B070 EPCOS-B59412C1130B070 Datasheet
284Kb / 11P
   PTC thermistors as inrush current limiters
B5975X EPCOS-B5975X Datasheet
245Kb / 10P
   PTC thermistors as inrush current limiters
B5910 EPCOS-B5910 Datasheet
237Kb / 10P
   PTC thermistors as inrush current limiters
logo
MERITEK ELECTRONICS COR...
SCK MERITEK-SCK Datasheet
144Kb / 5P
   NTC Power Thermistors Inrush Current Limiters
logo
M/A-COM Technology Solu...
2690 MA-COM-2690 Datasheet
61Kb / 2P
   Coaxial Limiters
logo
Tyco Electronics
2690 MACOM-2690 Datasheet
138Kb / 2P
   Coaxial Limiters
logo
Littelfuse
600VOLTSAC LITTELFUSE-600VOLTSAC Datasheet
154Kb / 1P
   Cable Limiters
logo
Microsemi Corporation
GG77010 MICROSEMI-GG77010 Datasheet
705Kb / 4P
   RF BOADBAND LIMITERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com