Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFE5K1R00E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # PFE5K1R00E
Description  Clamps, movable along resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

PFE5K1R00E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  PFE5K1R00E Datasheet HTML 1Page - Ohmite Mfg. Co. PFE5K1R00E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
106
PFE and PFR Series
Powr-Rib® Edgewound
Edgewound and Round Wire
PFE5KR100E
Style
PFE = Edgewound
PFR = Roundwire
# of
Sections
2 5
3 6
4 7
8
Tolerance
K = 10%
Ohms
R100 = 0.10
1R00 = 1.0
10R0 = 10
RoHS Compliant
EDgEWOuND
Ohms
Part #
Watts Amps
0.1
PFE5KR100E 1000 100
0.12  PFE5KR120E
994
91
0.14  PFE5KR140E 1100
89
0.16  PFE5KR160E
973
78
0.18  PFE5KR180E 1012
75
0.22  PFE5KR220E 1017
68
0.25  PFE5KR250E
992
63
0.3
PFE5KR300E
975
57
0.33  PFE5KR330E
962
54
0.37  PFE5KR370E
925
50
0.5
PFE5KR500E 1105
47
0.6
PFE5KR600E 1109
43
0.67  PFE5KR670E 1126
41
0.75  PFE5KR750E 1141
39
1
PFE5K1R00E 1089
33
1.3
PFE5K1R30E 1093
29
1.6
PFE5K1R60E 1082
26
2.2
PFE5K2R20E
745
18.4
2.8
PFE5K2R80E
744
16.3
3.5
PFE5K3R50E
746
14.6
4.5
PFE5K4R50E
726
12.7
5.4
PFE5K5R40E
752
11.8
6.8
PFE5K6R80E
721
10.3
8.5
PFE5K8R50E
751
9.4
ROuNDWIRE
Ohms
Part #
Watts Amps
11
PFR5K11R0E 757
8.3
13
PFR5K13R0E 750
7.6
17
PFR5K17R0E 740
6.6
20
PFR5K20R0E 696
5.9
25
PFR5K25R0E 650
5.1
= Standard values
= Non-standard values subject
to minimum handling
charge per item.
how to o R d ER
dim E n S ion S
2.063" -0/+.187
52.400 mm -0/+4.763
2.313"
58.750 mm
1.00"
25.400 mm
0.531"
13.494 mm
17.875" ±.063
454.02 mm
16.250" ±.063
412.75 mm
1.00"
25.400 mm
0.750"
19.050 mm
0.531"
13.494 mm
Terminal 2172B (30 amps & more)
Terminal 2172G (29 amps & less)
PFE5K
Edgewound
1.00"
25.400 mm
0.531"
13.494 mm
17.875" ±.063
454.02 mm
16.250" ±.063
412.75 mm
1.00"
25.400 mm
0.750"
19.050 mm
0.531"
13.494 mm
PFR5K
Round wire
2.625" -0/+.187
66.67 mm -0/+4.763
Terminal 2175
(standard on
8.3 amps & less)
Terminal 2176
(optional for 90ϒ
terminal mounting)
1.688"
42.875 mm
A
B
A
B
Standard:
Standard:
Size (No. of
Insulator-Sections Long)
2
3
4
5 (std.)
6
7
8
Dimension A
in.
8.875
11.875 14.875 17.875 20.875 23.875 26.875
mm (225.43) (301.63) (377.83) (454.03) (530.23) (606.43) (682.63)
Dimension B
in.
7.250
10.250 13.250 16.250 19.250 22.250 25.250
mm (184.15) (260.35) (336.55) (412.75) (488.95) (565.15) (641.35)
All values for reference only;
Consult factory for details.


Similar Part No. - PFE5K1R00E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
PFE5KR100E OHMITE-PFE5KR100E Datasheet
120Kb / 2P
   Powr-Rib Edgewound Edgewound and Round Wire
More results

Similar Description - PFE5K1R00E

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-33-000-9843 HARTING-09-33-000-9843 Datasheet
454Kb / 2P
   Jumper Along 1x4 blue 16A
2021-10-01
logo
List of Unclassifed Man...
R9-NBC-U2PK-GP ETC2-R9-NBC-U2PK-GP Datasheet
570Kb / 2P
   Movable Fan Aluminum Cooling Pad
R0-NBC-U3PK-GP ETC2-R0-NBC-U3PK-GP Datasheet
427Kb / 2P
   Movable Fan Aluminum Cooling Pad
logo
HARTING Technology Grou...
09-33-000-9852 HARTING-09-33-000-9852 Datasheet
454Kb / 2P
   Jumper Along 1x2 black 16A
2021-10-01
logo
List of Unclassifed Man...
I410 ETC2-I410 Datasheet
136Kb / 2P
   Current Clamps
logo
TE Connectivity Ltd
KRP-3_H TEC-KRP-3_H Datasheet
368Kb / 2P
   Heavy copper alloy movable contact arms
logo
List of Unclassifed Man...
536QC ETC2-536QC Datasheet
40Kb / 1P
   Bar Clamps
logo
Richco, Inc.
E14-CL RICHCO-E14-CL Datasheet
52Kb / 1P
   E CLAMPS
logo
HARTING Technology Grou...
09-33-000-9832 HARTING-09-33-000-9832 Datasheet
455Kb / 2P
   Jumper Along 1x4 red 16A
2021-10-01
09-33-000-9854 HARTING-09-33-000-9854 Datasheet
462Kb / 2P
   Jumper Along 1x4 black 16A
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com