Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1715767204 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1715767204
Description  Impact 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Top Guide
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1715767204 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1715767204 Datasheet HTML 1Page - Molex Electronics Ltd. 1715767204 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/05/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1715767204
Status:
Active
Overview:
Impact™ Backplane Connectors and Cable Assemblies
Description:
Impact™ 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Top Guide, Bottom
Endwall, with Outrigger, 12 Column, 72 Differential Pair, Pin Length 4.90mm, 0.46mm
Plated Through-Hole, Lead-Free
Documents:
3D Model
Application Specification AS-76060-9999-001 (PDF)
Drawing (PDF)
Application Specification AS-76850-990-001 (PDF)
Product Specification PS-45499-002-001 (PDF)
Packaging Specification PK-70873-8024 (PDF)
Product Specification PS-76060-999-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
171576
Application
Orthogonal Direct
Application Tooling Documents
TM-622018799
Component Type
PCB Header
Overview
Impact™ Backplane Connectors and Cable Assemblies
Product Name
Impact™
UPC
887191432076
Physical
Circuits (Loaded)
216
Circuits (maximum)
216
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
46.781/g
Number of Columns
12
Number of Pairs
6
Number of Rows
18
Orientation
Right Angle
PC Tail Length
1.20mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.00mm
Packaging Type
Tray
Pitch - Mating Interface
1.35mm, 1.90mm, 2.15mm
Pitch - Termination Interface
1.35mm, 1.90mm, 2.15mm
Plating min - Mating
0.762µm
Polarized to PCB
Yes
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
171576 Series
Mates With
76290 Impact™ 100 Ohm Right Angle
Orthogonal Daughtercard


Similar Part No. - 1715767204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1715767204 MOLEX1-1715767204_17 Datasheet
43Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Top Guide
More results

Similar Description - 1715767204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1715767205 MOLEX11-1715767205 Datasheet
43Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Top Guide
1715767208 MOLEX1-1715767208_17 Datasheet
42Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Top Guide
1715767205 MOLEX1-1715767205_17 Datasheet
43Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Top Guide
1715767207 MOLEX1-1715767207_17 Datasheet
42Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Top Guide
1715767207 MOLEX11-1715767207 Datasheet
42Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Top Guide
1715767204 MOLEX1-1715767204_17 Datasheet
43Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Top Guide
1715767208 MOLEX11-1715767208 Datasheet
42Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Top Guide
1715757105 MOLEX1-1715757105_17 Datasheet
48Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 5-Pair, Top Guide
1715757105 MOLEX11-1715757105 Datasheet
48Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 5-Pair, Top Guide
1715747808 MOLEX1-1715747808_17 Datasheet
45Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 4-Pair, Top Guide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com