Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE46C100S8TF Datasheet(PDF) 6 Page - Microchip Technology

Part # RE46C100S8TF
Description  Piezoelectric Horn Driver Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C100S8TF Datasheet(HTML) 6 Page - Microchip Technology

Back Button RE46C100S8TF Datasheet HTML 2Page - Microchip Technology RE46C100S8TF Datasheet HTML 3Page - Microchip Technology RE46C100S8TF Datasheet HTML 4Page - Microchip Technology RE46C100S8TF Datasheet HTML 5Page - Microchip Technology RE46C100S8TF Datasheet HTML 6Page - Microchip Technology RE46C100S8TF Datasheet HTML 7Page - Microchip Technology RE46C100S8TF Datasheet HTML 8Page - Microchip Technology RE46C100S8TF Datasheet HTML 9Page - Microchip Technology RE46C100S8TF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
RE46C100
DS20002166B-page 6
 2009-2014 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead DFN (2x3x0.9 mm)
Example
ADG
420
25
8-Lead PDIP (300 mil)
Example
RE46C100
I/P^^^256
1420
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
8-Lead SOIC (3.90 mm)
Example
NNN
46C100I
SN^^^1420
256
3
e


Similar Part No. - RE46C100S8TF

ManufacturerPart #DatasheetDescription
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
More results

Similar Description - RE46C100S8TF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver Circuit
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver and LED Driver Circuit
logo
Microchip Technology
RE46C101 MICROCHIP-RE46C101 Datasheet
214Kb / 4P
   Piezoelectric Horn Driver and LED Driver Circuit
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
   Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
   Piezoelectric Horn Driver and Voltage Converter
2009
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com