Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1221ECH Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1221ECH
Description  High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1221ECH Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1221ECH Datasheet HTML 6Page - Microchip Technology TC1221ECH Datasheet HTML 7Page - Microchip Technology TC1221ECH Datasheet HTML 8Page - Microchip Technology TC1221ECH Datasheet HTML 9Page - Microchip Technology TC1221ECH Datasheet HTML 10Page - Microchip Technology TC1221ECH Datasheet HTML 11Page - Microchip Technology TC1221ECH Datasheet HTML 12Page - Microchip Technology TC1221ECH Datasheet HTML 13Page - Microchip Technology TC1221ECH Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC1221/TC1222
DS20001367C-page 10
 2002-2014 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
TC1222 Supply Current vs. Supply Voltage
250
500
750
1000
1250
1500
1750
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
C1 = C2 = C3 = 0.22
μF,
RL =
∞, +25°C
TC1222 Output Resistance vs. Supply Voltage
35
40
45
50
55
60
65
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
C1 = C2 = C3 = 0.22
μF, +25°C
0
40
80
120
012
3
45
160
TC1222 Output Voltage Ripple
vs. Capacitance , C2
VIN = 5.0V
VIN = 3.3V
VIN = 3.3V, RL = 1K, +25°C
VIN = 5.0V, RL = 1K, +25°C
CAPACITANCE (
μF)
V
IN = 5.0V
TC1222 Output Voltage Droop
vs. Capacitance, C1 = C2
V
IN = 3.3V
100
150
200
250
300
350
400
450
500
01
23
4
5
CAPACITANCE (
μF)
VIN = 3.3V, RL = 1K, +25°C
VIN = 5.0V, RL = 1K, +25°C
500
550
600
650
700
750
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TC1222 Oscillator Frequency
vs. Supply Voltage
SUPPLY VOLTAGE (V)
C1 = C2 = C3 = 0.22
μF,
RL =
∞, +25°C


Similar Part No. - TC1221ECH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1221ECH MICROCHIP-TC1221ECH Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECH MICROCHIP-TC1221ECH Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
More results

Similar Description - TC1221ECH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
   Switched Capacitor Voltage Inverter with Shutdown
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
182Kb / 18P
   Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
logo
Analog Devices
ADM8828 AD-ADM8828 Datasheet
67Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com