Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6229 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJU6229
Description  32.768kHz output Tuning fork Quartz Crystal Oscillator IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6229 Datasheet(HTML) 6 Page - New Japan Radio

  NJU6229 Datasheet HTML 1Page - New Japan Radio NJU6229 Datasheet HTML 2Page - New Japan Radio NJU6229 Datasheet HTML 3Page - New Japan Radio NJU6229 Datasheet HTML 4Page - New Japan Radio NJU6229 Datasheet HTML 5Page - New Japan Radio NJU6229 Datasheet HTML 6Page - New Japan Radio NJU6229 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2014/10/29 ( 6 / 7 )
NJU6229 Series
Preliminary
■EXAMPLE OF CRYSTAL PARAMETERS FOR MEASUREMENT CIRCUITS
■MEASUREMENT CIRCUITS
(1) Operating Current, Standby Current, Output Signal Symmetry, Output Signal Rise/Fall Time (CL=15pF)
(2) Input Current
(3) Output Disable Time (CL=15pF,RL=1kΩ)
f0[kHz]
R1[
Ω]
L1[H]
C1[fF]
C0[pF]
32.768
58.93k
3684.41
6.41
1.41
1
C
0
C
1
R
1
L
L
1/2VDD
H
tr
tf
90%
10%
50%
VDD
VSS
XTI
FOUT
0.1
μF
Note1)
XTO
RL=1kΩ
CL=15pF
Pulse
Generator
50
Ω
VDD
VSS
FOUT
CONT
XTI
XTO
CONT
A
0.1
μF
Note1)
tPOZ
0.2VDD
0.1V
FOUT
CONT
CL=No Load / 15pF
VDD
VSS
XTI
FOUT
0.1
μF
XTO
CONT
IDD : Open
ISTB : Short


Similar Part No. - NJU6229

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU62221 NJRC-NJU62221 Datasheet
89Kb / 8P
   1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC with Input Tolerant Function
More results

Similar Description - NJU6229

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
C26 CRYSTEKCRYSTAL-C26 Datasheet
105Kb / 1P
   32.768KHz Tuning Fork Crystal
C26-LF CRYSTEKCRYSTAL-C26-LF Datasheet
105Kb / 1P
   32.768KHz Tuning Fork Crystal
logo
Vanlong Technology Co.,...
WX26B VANLONG-WX26B_13 Datasheet
55Kb / 1P
   Tuning Fork Quartz Crystal
WX26B VANLONG-WX26B Datasheet
39Kb / 1P
   Tuning Fork Quartz Crystal
logo
List of Unclassifed Man...
MTF32 ETC2-MTF32 Datasheet
117Kb / 2P
   Tuning Fork Quartz Crystal
logo
Vanlong Technology Co.,...
WX-SERIES VANLONG-WX-SERIES Datasheet
42Kb / 1P
   Tuning Fork Quartz Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1006A TAI-SAW-TZ1006A Datasheet
201Kb / 8P
   Tuning Fork Crystal Unit 3.2x1.5 32.768KHz
REV. NO.: 14
TZ2528D TAI-SAW-TZ2528D Datasheet
216Kb / 7P
   Crystal Unit 2.0x1.2 Tuning Fork 32.768KHz
REV. NO.: 1.0
TZ2528E TAI-SAW-TZ2528E Datasheet
190Kb / 7P
   Crystal Unit 2.0x1.2 Tuning Fork 32.768KHz
REV. NO.: 1.0
TZ1006AD TAI-SAW-TZ1006AD Datasheet
302Kb / 10P
   Tuning Fork Crystal Unit 3.2x1.5 32.768KHz
REV. NO.: 3.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com