Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6229 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU6229
Description  32.768kHz output Tuning fork Quartz Crystal Oscillator IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6229 Datasheet(HTML) 3 Page - New Japan Radio

  NJU6229 Datasheet HTML 1Page - New Japan Radio NJU6229 Datasheet HTML 2Page - New Japan Radio NJU6229 Datasheet HTML 3Page - New Japan Radio NJU6229 Datasheet HTML 4Page - New Japan Radio NJU6229 Datasheet HTML 5Page - New Japan Radio NJU6229 Datasheet HTML 6Page - New Japan Radio NJU6229 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2014/10/29 ( 3 / 7 )
NJU6229 Series
Preliminary
■TERMINAL DESCRIPTION
SYMBOL
FUNCTION
CONT
3-state Output Buffer Control Terminal
CONT
FOUT
H or OPEN
Output of f0
L
High-Z
XTI
Quartz Crystal Connecting Terminals
XTO
VSS
GND Terminal (Vss=0V)
FOUT
Frequency Output
VDD
VDD=1.62 to 5.50V
■FUNCTIONAL DESCRIPTION
●Output Disable Function
When CONT Terminal goes
“Low”, the F
OUT Terminal output becomes High impedance.
CONT
FOUT
Oscillator
High(Open)
Frequency output
Normal operation
Low
Hi-Z
Normal operation
●Variable Pull-up Resistance
The CONT Terminal pull-up resistance changes in response to the input level. When CONT is tied
“LOW” level, the
pull-up resistance is large, reducing the current consumed by the resistance. When CONT is left open circuit, the
pull-up resistance is small, which increases the input susceptibility to external noise. However, the pull-up
resistance ties the CONT Terminal
“High” level to prevent external noise from unexpectedly stopping the output.
■ABSOLUTE MAXIMUM RATINGS
(VSS=0V, Ta=25C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.5 to +6.0
V
Input Voltage
VIN
VSS-0.5∼VDD+0.5
V
Output Voltage
VO
-0.5 to VDD+0.5
V
Input Current
IIN
10
mA
Output Current
IO
25
mA
Operating Temperature Range
Topr
-40 to +85
C
Storage Temperature Range
Tstg
-55 to +150
C
Note1)
If the supply voltage(VDD) is less than 6.0V, the input voltage must not over the VDD level though 6.0V is
limit specified
Note2)
Decupling capacitor should be connected between VDD and VSS due to the stabilized operation for the
circuit.


Similar Part No. - NJU6229

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU62221 NJRC-NJU62221 Datasheet
89Kb / 8P
   1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC with Input Tolerant Function
More results

Similar Description - NJU6229

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
C26 CRYSTEKCRYSTAL-C26 Datasheet
105Kb / 1P
   32.768KHz Tuning Fork Crystal
C26-LF CRYSTEKCRYSTAL-C26-LF Datasheet
105Kb / 1P
   32.768KHz Tuning Fork Crystal
logo
Vanlong Technology Co.,...
WX26B VANLONG-WX26B_13 Datasheet
55Kb / 1P
   Tuning Fork Quartz Crystal
WX26B VANLONG-WX26B Datasheet
39Kb / 1P
   Tuning Fork Quartz Crystal
logo
List of Unclassifed Man...
MTF32 ETC2-MTF32 Datasheet
117Kb / 2P
   Tuning Fork Quartz Crystal
logo
Vanlong Technology Co.,...
WX-SERIES VANLONG-WX-SERIES Datasheet
42Kb / 1P
   Tuning Fork Quartz Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1006A TAI-SAW-TZ1006A Datasheet
201Kb / 8P
   Tuning Fork Crystal Unit 3.2x1.5 32.768KHz
REV. NO.: 14
TZ2528D TAI-SAW-TZ2528D Datasheet
216Kb / 7P
   Crystal Unit 2.0x1.2 Tuning Fork 32.768KHz
REV. NO.: 1.0
TZ2528E TAI-SAW-TZ2528E Datasheet
190Kb / 7P
   Crystal Unit 2.0x1.2 Tuning Fork 32.768KHz
REV. NO.: 1.0
TZ1006AD TAI-SAW-TZ1006AD Datasheet
302Kb / 10P
   Tuning Fork Crystal Unit 3.2x1.5 32.768KHz
REV. NO.: 3.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com