Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJU40P04 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJU40P04
Description  P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJU40P04 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJU40P04 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJU40P04 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJU40P04 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJU40P04 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJU40P04 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Off characteristics
Drain-source breakdown voltage
V(BR) DSS
VGS = 0V, ID =-250µA
-40
V
Zero gate voltage drain current
IDSS
VDS =-40V, VGS =0V
-1
µA
Gate-body leakage current
IGSS
VDS =0V, VGS =±20V
±100
nA
On characteristics (note1)
Gate-threshold voltage
VGS(th)
VDS =VGS, ID =-250µA
-1.5
-1.85
-3
V
Static drain-source on-sate resistance
RDS(on)
VGS =-10V, ID =-12A
12
14
mΩ
Forward transconductance
g
FS
VDS =-5V, ID =-12A
34
S
Dynamic characteristics (note 2)
Input capacitance
Ciss
2960
Output capacitance
Coss
370
Reverse transfer capacitance
Crss
VDS =-20V,VGS =0V,
f =1MHz
310
pF
Switching characteristics (note 2)
Total gate charge
Qg
72
Gate-source charge
Qgs
14
Gate-drain charge
Qgd
VDS=-20V, VGS=-10V,
ID=-12A
15
nC
Turn-on delay time
td(on)
10
Turn-on rise time
tr
18
Turn-off delay time
td(off)
38
Turn-off fall time
tf
VDD=-20V, ID=-20A
VGS=-10V,RG=3Ω,
24
ns
Drain-Source Diode Characteristics
Drain-source diode forward voltage(note1)
VSD
VGS =0V, IS=-20A
-1.2
V
Continuous drain-source diode forward
current (note3)
IS
-40
A
Pulsed drain-source diode forward current
ISM
-160
A
Notes:
1.
Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
2.
Guaranteed by design, not subject to production.
3.
Surface Mounted on FR4 Board, t≤10 sec.
www.cj-elec.com
2
A-3,Feb,2016
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified


Similar Part No. - CJU40P04

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJU40N10 JIANGSU-CJU40N10 Datasheet
1Mb / 5P
   N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
CJU40N10 DOINGTER-CJU40N10 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - CJU40P04

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com