Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS308A Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # HS308A
Description  Available in 4-terminal on HS500 series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HS308A Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  HS308A Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
124
HSP Series
Hermetically Sealed, Precision,
Ultra-High Stability, Axial Terminals
Max. Resistance*
Power Rating
Max. Voltage
Model
(ohms)
@ 25°C (watts)
(volts)
HS185A
1.0M
0.125
300
HS205A
1.4M
0.25
300
HS207A
2.8M
0.40
600
HS210A
3.0M
0.50
600
HS308A
5.6M
0.60
600
HS310A
7.6M
0.80
600
HS510A
24M
1.00
600
HS515A
35M
1.25
600
HS520A
43M
1.50
900
*Minimum Value = 10Ω
Power
D
B
C
Model
Rating
±0.010/0.254*
±0.020/0.508
±0.030/0.762
HS185A
0.125
0.187 / 4.75 0.500 / 12.70 0.625 / 15.88
HS205A
0.25
0.250 / 6.35 0.500 / 12.70 0.562 / 14.27
HS207A
0.40
0.250 / 6.35 0.750 / 19.05 0.812 / 20.62
HS210A
0.50
0.250 / 6.35
1.00 / 25.40 1.063 / 27.00
HS308A
0.60
0.375 / 9.52 0.820 / 20.80 0.920 / 23.35
HS310A
0.80
0.375 / 9.52
1.00 / 25.40 1.050 / 26.67
HS510A
1.00
0.500 / 12.70 1.05 / 25.40 1.220 / 30.99
HS515A
1.25
0.500 / 12.70 1.50 / 38.10 1.605 / 40.77
HS520A
1.50
0.500 / 12.70 2.00 / 50.80 2.160 / 54.86
*Clear sleeving available, add 0.040"/ 1.016mm to body diam.
F e a t u r e S
• Accuracy to ±0.001% absolute
• Shelf life to 10 ppm/year
• Temperature coefficient to ±3 ppm/°C, -10°C to
+80°C
• Low voltage coefficient
• Low noise
• Extremely low thermal EMF
• Available in 4-terminal on HS500 series
• Oil-filled version available
B
C
D
1.50 / 38.10
min.
20 AWG
(0.032 / 0.813)
ex. HS185A:
22 AWG
(0.026 / 0.660)
H S 1 8 5 A S L 1 M 0 0 0 T
Type
Tolerance
T = 0.01%
Q = 0.02%
A = 0.05%
B = 0.1%
C = 0.25%
D = 0.5%
F = 1.0%
Resistance
1R000 =
1
10R00 =
10
100R0 = 100
1K000 = 1000
10K00 = 10 K
100K0 = 100 K
1M000 =
1 M
Oil-Filled
A = Non oil-filled
F = Oil-filled
Wattage
185 = 0.125W
205 = 0.25
207 = 0.40
210 = 0.50
308 = 0.60
310 = 0.80
510 = 1.00
515 = 1.25
520 = 1.50
Sleeving
SL = with sleeving
blank = without
Part Marking
• Ohmite
• Model
• Resistance value
• Resistance tolerance
• Date code
Serie S S P eci F ication S
ordering in F ormation
dimen S ion S
(in./mm)


Similar Part No. - HS308A

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HS308A OHMITE-HS308A Datasheet
236Kb / 1P
   Hermetically Sealed, Precision
HS308A1M000A OHMITE-HS308A1M000A Datasheet
97Kb / 1P
   Hermetically Sealed Precision Ultra-High Stability Axial Terminals
HS308A1M000B OHMITE-HS308A1M000B Datasheet
97Kb / 1P
   Hermetically Sealed Precision Ultra-High Stability Axial Terminals
HS308A1M000F OHMITE-HS308A1M000F Datasheet
97Kb / 1P
   Hermetically Sealed Precision Ultra-High Stability Axial Terminals
HS308A1M000Q OHMITE-HS308A1M000Q Datasheet
97Kb / 1P
   Hermetically Sealed Precision Ultra-High Stability Axial Terminals
More results

Similar Description - HS308A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
7000 TEC-7000 Datasheet
975Kb / 7P
   Available in on-delay, true off-delay, and on/off-delay
logo
Holt Integrated Circuit...
HI-8450 HOLTIC-HI-8450 Datasheet
1Mb / 11P
   Burn-in available
logo
M/A-COM Technology Solu...
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
   Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
   Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
   Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
   Available on tape and reel
XLFBB14W SUNLED-XLFBB14W Datasheet
229Kb / 3P
   Available on tape and reel
XLM2DG169W SUNLED-XLM2DG169W Datasheet
229Kb / 3P
   Available on tape and reel
XSCBD43MB SUNLED-XSCBD43MB Datasheet
230Kb / 3P
   Available on tape and reel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com