Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJPF05N65 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJPF05N65
Description  N-Channel Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJPF05N65 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJPF05N65 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF05N65 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF05N65 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJPF05N65 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220F Plastic-Encapsulate MOSFETS
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
650
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
ID
5
Pulsed Drain Current
IDM
20
A
Single Pulsed Avalanche Energy (note1)
EAS
210
mJ
Thermal Resistance from Junction to Ambient
RθJA
62.5
℃/W
Operating and Storage Temperature Range
TJ, TSTG
-55 ~+150
Maximum Lead Temperature for Soldering Purposes ,
Duration for 5 Seconds
TL
260
www.cj-elec.com
1
C,May,2016
CJPF05N65
N-Channel Power MOSFET
GENERAL DESCRIPTION
This advanced high voltage MOSFET is designed to stand
high energy in the avalanche mode and switch efficiently. This new
high energy device also offers a drain-to-source diode fast
recovery time. Desighed for high voltage, high speed switching
applications such as power supplies, converters, power motor
controls and bridge circuits.
FEATURE
High Current Rating
Lower RDS(on)
Lower Capacitance
Lower Total Gate Charge
Tighter VSD Specifications
Avalanche Energy Specified
Fast Switching Capability
TO-220F
1. GATE
2. DRAIN
3. SOURCE
1
3
2
MARKING
EQUIVALENT CIRCUIT
V(BR)DSS
RDS(on)MAX
ID
 
650V
5A
2.4Ω@10V
CJPF05N65 = Device code
Solid dot = Green molding compound device,
XXX
if none, the normal device
=Date Code
CJPF05N65
XXX


Similar Part No. - CJPF05N65

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJPF05N65 ZPSEMI-CJPF05N65 Datasheet
581Kb / 2P
   Plastic-Encapsulate MOSFETS
logo
SHENZHEN DOINGTER SEMIC...
CJPF05N65 DOINGTER-CJPF05N65 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - CJPF05N65

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com