Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T835-800G-TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # T835-800G-TR
Description  8A TRIACS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835-800G-TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button T835-800G-TR Datasheet HTML 2Page - STMicroelectronics T835-800G-TR Datasheet HTML 3Page - STMicroelectronics T835-800G-TR Datasheet HTML 4Page - STMicroelectronics T835-800G-TR Datasheet HTML 5Page - STMicroelectronics T835-800G-TR Datasheet HTML 6Page - STMicroelectronics T835-800G-TR Datasheet HTML 7Page - STMicroelectronics T835-800G-TR Datasheet HTML 8Page - STMicroelectronics T835-800G-TR Datasheet HTML 9Page - STMicroelectronics T835-800G-TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BTA08, BTB08 and T8 Series
6/11
Figure 13: Ordering Information Scheme (BTA08 and BTB08 series)
Figure 14: Ordering Information Scheme (T8 series)
Table 7: Product Selector
Part Number
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA/BTB08-xxxB
X
X
50 mA
Standard
TO-220AB
BTA/BTB08-xxxBW
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB08-xxxC
X
X
25 mA
Standard
TO-220AB
BTA/BTB08-xxxCW
X
X
35 mA
Snubberless
TO-220AB
BTA/BTB08-xxxSW
X
X
10 mA
Logic level
TO-220AB
BTA/BTB08-xxxTW
X
X
5 mA
Logic Level
TO-220AB
T810-xxxG
X
X
10 mA
Logic Level
D2PAK
T810-xxxH
X
X
10 mA
Logic Level
IPAK
T835-xxxB
X
X
35 mA
Snubberless
DPAK
T835-xxxG
X
X
35 mA
Snubberless
D2PAK
T835-xxxH
X
X
35 mA
Snubberless
IPAK
BTB: non insulated TO-220AB package
BT A 08 - 600 BW (RG)
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
08 = 8A
600 = 600V
800 = 800V
B = 50mA Standard
BW = 50mA Snubberless
C = 25mA Standard
CW = 35mA
RG = Tube
Snubberless
SW = 10mA Logic Level
TW = 5mA Logic Level
T 8 10 - 600 B (-TR)
Triac series
Sensitivity
Voltage
Package
Packing mode
Current
8 = 8A
10 = 10mA
35 = 35mA
600 = 600V
800 = 800V
B = DPAK
G = D PAK
R = I PAK
Blanck = Tube
-TR = Tape & Reel
2
2


Similar Part No. - T835-800G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T835-800G-TR STMICROELECTRONICS-T835-800G-TR Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
T835-800G-TR STMICROELECTRONICS-T835-800G-TR Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Similar Description - T835-800G-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com