Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA08TB120 Datasheet(PDF) 2 Page - International Rectifier

Part # HFA08TB120
Description  Ultrafast, Soft Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA08TB120 Datasheet(HTML) 2 Page - International Rectifier

  HFA08TB120 Datasheet HTML 1Page - International Rectifier HFA08TB120 Datasheet HTML 2Page - International Rectifier HFA08TB120 Datasheet HTML 3Page - International Rectifier HFA08TB120 Datasheet HTML 4Page - International Rectifier HFA08TB120 Datasheet HTML 5Page - International Rectifier HFA08TB120 Datasheet HTML 6Page - International Rectifier HFA08TB120 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HFA08TB120
Bulletin PD-2.383 rev. C 11/00
2
Parameter
Min
Typ
Max
Units
Tlead
LeadTemperature
-
-
300
°C
RthJC
Thermal Resistance, Junction to Case
-
-
1.7
k/W
RthJA
Thermal Resistance, Junction to Ambient
-
-
40
RthCS
Thermal Resistance, Case to Heat Sink
-
0.25
-
Wt
Weight
-
6.0
-
g
-
0.21
-
(oz)
MountingTorque
6.0
-
12
Kg-cm
5.0
-
10
lbf•in
trr
ReverseRecoveryTime
-
28
-
ns
IF = 1.0A, dif/dt = 200A/µs, VR = 30V
trr1
-63
95
TJ = 25°C
IF = 8.0A
trr2
-
106
160
TJ = 125°C
VR = 200V
IRRM1
Peak Recovery Current
-
4.5
8.0
A
TJ = 25°C
di f /dt = 200A/µs
IRRM2
-
6.2
11
TJ = 125°C
Qrr1
ReverseRecoveryCharge
-
140
380
nC
TJ = 25°C
Qrr2
-
335
880
TJ = 125°C
di(rec)M /dt1 Peak Rate of Recovery
-
133
-
A/µs
TJ = 25°C
di(rec)M /dt2 Current During tb
-85
-
TJ = 125°C
VBR
Cathode Anode Breakdown
1200
-
-
V
IR = 100µA
Voltage
VFM
Max. Forward Voltage
-
2.6
3.3
V
IF = 8.0A
-
3.4
4.3
IF = 16A
-
2.4
3.1
IF = 8.0A, TJ = 125°C
IRM
Max. Reverse Leakage
-
0.31
10
µA
VR = VR Rated
Current
-
135 1000
TJ = 125°C, VR = 0.8 x VR RatedD R
CT
Junction Capacitance
-
11
20
pF
VR = 200V Rated
LS
Series Inductance
-
8.0
-
nH
Measured lead to lead 5mm from pkg body
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Thermal - Mechanical Characteristics
!
0.063 in. from Case (1.6mm) for 10 sec
"#
Typical Socket Mount
$
Mounting Surface, Flat, Smooth and Greased
Dynamic Recovery Characteristics @ TJ = 25°C (unless otherwise specified)
"
$
!
Parameter
Min Typ Max Units Test Conditions
Parameter
Min Typ Max Units Test Conditions


Similar Part No. - HFA08TB120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA08TB120 IRF-HFA08TB120 Datasheet
163Kb / 7P
   ULTRAFAST, SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA08TB120 VISHAY-HFA08TB120 Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 30-Jul-08
HFA08TB120 VISHAY-HFA08TB120 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 8 A
Revision: 25-Jul-08
logo
Thinki Semiconductor Co...
HFA08TB120 THINKISEMI-HFA08TB120 Datasheet
660Kb / 3P
   10 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
International Rectifier
HFA08TB120PBF IRF-HFA08TB120PBF Datasheet
163Kb / 7P
   ULTRAFAST, SOFT RECOVERY DIODE
More results

Similar Description - HFA08TB120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com