Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4100 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-4100
Description  Optically Coupled 20 mA Current Loop Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4100 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-4100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-4100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Notes:
1. Derate linearly above 55
°C free air
temperature at a rate of 3.8 mW/
°C.
Proper application of the derating
factors will prevent IC junction
temperatures from exceeding 125
°C
for ambient temperatures up to 85
°C.
2. Derate linearly above a free-air
temperature of 70
°C at a rate of 2.3
mW/
°C. A significant amount of
power may be dissipated in the
HCPL-4100 output circuit during the
transition from the SPACE state to
the MARK state when driving a data
line or capacitive load (C OUT). The
average power dissipation during the
transition can be estimated from the
following equation which assumes a
linear discharge of a capacitive load:
P = ISC (VSO + VMO)/2, where VSO is
the output voltage in the SPACE
state. The duration of this transition
can be estimated as t = C OUT (VSO -
VMO)/ISC. For typical applications
driving twisted pair data lines with
NRZ data as shown in Figure 11, the
transition time will be less than 10%
of one bit time.
3. Derate linearly above 55
°C free-air
temperature at a rate of 5.1 mW/
°C.
4. The maximum current that will flow
into the output in the mark state (I SC)
is internally limited to protect the
device. The duration of the output
short circuit shall not exceed 10 ms.
5. The device is considered a two
terminal device, pins 1, 2, 3, and 4
are connected together, and pins 5,
6, 7, and 8 are connected together.
6. The t PLH propagation delay is
measured from the 1.3 volt level on
the leading edge of the input pulse to
the 10 mA level on the leading edge
of the output pulse.
7. The t PHL propagation delay is
measured from the 1.3 volt level on
the trailing edge of the input pulse to
the 10 mA level on the trailing edge
of the output pulse.
8. The rise time, t r, is measured from the
10% to the 90% level on the rising
edge of the output current pulse.
9. The fall time, t f, is measured from the
90% to the 10% level on the falling
edge of the output current pulse.
10. Common mode transient immunity in
the logic high level is the maximum
(positive) dVCM/dt on the leading
edge of the common mode pulse,
VCM, that can be sustained with the
output in a Mark ("H") state (i.e.,
IO > 12 mA).
11. Common mode transient immunity in
the logic low level is the maximum
(positive) dVCM/dt on the leading
edge of the common mode pulse,
VCM, that can be sustained with the
output in a Space ("L") state (i.e., IO
< 3 mA).
12. Use of a 0.1
µF bypass capacitor
connected between pins 5 and 8 is
recommended.
13. In accordance with UL 1577, each
optocoupler is momentary withstand
proof tested by applying an insulation
test voltage
≥ 3000 V rms for 1
second (leakage detection current
limit, Ii-o ≤ 5 µA).
Figure 2. Typical Mark State Output
Voltage vs. Temperature.
Figure 3. Typical Output Voltage vs.
Loop Current.
Figure 4. Typical Space State Output
Current vs. Temperature.
-40
1.6
1.2
TA – TEMPERATURE – °C
060
1.8
1.4
-20
20
40
2.0
2.2
2.4
2.6
2.8
3.0
80
100
IO
20 mA
12 mA
2 mA
VCC = 5 V
VI = 2 V
0
1.0
0
IO – OUTPUT CURRENT – mA
10
20
1.5
0.5
515
2.0
2.5
3.0
3.5
25
30
VCC = 5 V
VI = 2 V
TA = 25 °C
-40
0.8
0.6
TA – TEMPERATURE – °C
060
0.9
0.7
-20
20
40
1.0
1.1
1.2
1.3
80
100
VO
27 V
20 V
VCC = 5 V
VI = 0.8 V


Similar Part No. - HCPL-4100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-000E AVAGO-HCPL-4100-000E Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-300E AVAGO-HCPL-4100-300E Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
HCPL-4100-500E AVAGO-HCPL-4100-500E Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
More results

Similar Description - HCPL-4100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
Agilent(Hewlett-Packard...
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200-300 AVAGO-HCPL-4200-300 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
Analog Devices
AD693 AD-AD693_15 Datasheet
499Kb / 12P
   Loop-Powered 4-20 mA Sensor Transmitter
REV. A
AD693 AD-AD693 Datasheet
496Kb / 12P
   Loop-Powered 4.20 mA Sensor Transmitter
REV. A
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
Analog Devices
AD694 AD-AD694_15 Datasheet
163Kb / 16P
   4-20 mA Transmitter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com