Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD37068FV-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD37068FV-E2
Description  Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37068FV-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD37068FV-E2 Datasheet HTML 3Page - Rohm BD37068FV-E2 Datasheet HTML 4Page - Rohm BD37068FV-E2 Datasheet HTML 5Page - Rohm BD37068FV-E2 Datasheet HTML 6Page - Rohm BD37068FV-E2 Datasheet HTML 7Page - Rohm BD37068FV-E2 Datasheet HTML 8Page - Rohm BD37068FV-E2 Datasheet HTML 9Page - Rohm BD37068FV-E2 Datasheet HTML 10Page - Rohm BD37068FV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7/35
BD37068FV-M
TSZ02201-0C2C0E100130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
14.NOV.2016 Rev.002
www.rohm.com
TSZ22111・15・001
Typical Performance Curve(s)
Figure 4. IQ_VCCL+IQ_VCCH vs VCC
Figure 5. IQ_VCCH vs VCCH
(High-Voltage ON)
Figure 6. Gain vs Frequency
(Normal / High-Voltage mode)
Figure 7. THD+N, VO vs VIN
(Gain Adjust=+6dB)
(VCC=VCCL=VCCH)
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
8
9
10
VCC [V]
(VCC=VCCL=VCCH)
0
5
10
15
20
25
30
0
2
4
6
8
10 12
14 16
18
VCCH [V]
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
100
1k
10k
100k
Frequency [Hz]
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
VIN [VRMS]
0.001
0.01
0.1
1
10
f=100,1kHz
f=10kHz
Normal Mode
High-Voltage Mode


Similar Part No. - BD37068FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37068FV-M ROHM-BD37068FV-M Datasheet
894Kb / 34P
   AEC-Q100 Qualified
More results

Similar Description - BD37068FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37067FV-M ROHM-BD37067FV-M_16 Datasheet
2Mb / 38P
   Sound Processor for car audio built-in 2nd order post filter
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
BD37069FV-M ROHM-BD37069FV-M Datasheet
2Mb / 41P
   Sound Processor for Car Audio with Built-in High-Voltage Amplifier
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
BD3830FS ROHM-BD3830FS Datasheet
240Kb / 6P
   SCF built-in audio sound processor for TV
BD3831FS ROHM-BD3831FS Datasheet
208Kb / 6P
   SCF built-in audio sound processor for TV
BD34602FS-M ROHM-BD34602FS-M Datasheet
1Mb / 33P
   6ch Sound Processor for High-Quality Audio with Built-in Advanced Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com