Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD34602FS-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD34602FS-E2
Description  6ch Sound Processor for High-Quality Audio with Built-in Advanced Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD34602FS-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD34602FS-E2 Datasheet HTML 4Page - Rohm BD34602FS-E2 Datasheet HTML 5Page - Rohm BD34602FS-E2 Datasheet HTML 6Page - Rohm BD34602FS-E2 Datasheet HTML 7Page - Rohm BD34602FS-E2 Datasheet HTML 8Page - Rohm BD34602FS-E2 Datasheet HTML 9Page - Rohm BD34602FS-E2 Datasheet HTML 10Page - Rohm BD34602FS-E2 Datasheet HTML 11Page - Rohm BD34602FS-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8/29
Datasheet
Datasheet
BD34602FS-M
TSZ02201-0C2C0E100310-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
22.Oct.2015
Rev.001
www.rohm.com
TSZ22111・15・001
(2) I
2C-BUS FORMAT
MSB
LSB
MSB
LSB
MSB
LSB
S
Slave Address
A
Select Address
A
Data
A
P
1bit
8bit
1bit
8bit
1bit
8bit
1bit 1bit
S
= Start conditions (Recognition of start bit)
Slave Address
= Recognition of Slave Address. 7 bits in upper order are voluntary.
The least significant bit is “L” due to writing.
A
= ACKNOWLEDGE bit (Recognition of acknowledgement)
Select Address
= Select every of volume, bass and treble.
Data
= Data on every volume and tone.
P
= Stop condition (Recognition of stop bit)
(3) I
2C-BUS Interface Protocol
1)Basic form
S
Slave Address
A
Select Address
A
Data
A
P
MSB
LSB
MSB
LSB
MSB
LSB
2)Automatic increment (For an assigned Select Address increases (+1) according to the number of data.)
S
Slave Address
A
Select Address
A
Data1
A
Data2
A
・・・・
DataN
A
P
MSB
LSB
MSB
LSB
MSB
LSB MSB
LSB
MSB
LSB
No.1. Data1 is set as data of address specified by Select Address.
No.2. Data2 is set as data of next address from the address specified by No.1.
No.3. DataN is set as data of address incremented N-1 times from the address specified by No.1.
The Select Address is circulated by the automatic increment function, as shown below (hex).
3)Configuration unavailable for transmission (In this case, only Select Address1 is set.
S
Slave Address
A
Select Address1
A
Data
A
Select Address 2
A
Data
A P
MSB
LSB
MSB
LSB
MSB LSB
MSB
LSB
MSB LSB
Note)If any data is transmitted as Select Address 2 next to data,
it is recognized as data, not as Select Address 2.
(4) Slave Address
Because the Slave Address can be changed by the setting of CS, it is possible to use two chips
at the same time on identical BUS.
CS Terminal Voltage Condition
A6
A5
A4
A3
A2
A1
A0
R/W
Hex
CS = Low : -0.5V to 1.0V
1
0
0
0
0
0
0
0
80
CS = High : 2.3V to VCC
1
0
0
0
0
1
0
0
84
Establish the voltage of CS terminal in the condition to have been defined.
→01→28→29→2A→2B→2C→2D→30→31→32→33→34→35


Similar Part No. - BD34602FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3460FS ROHM-BD3460FS Datasheet
741Kb / 29P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS-E2 ROHM-BD3460FS-E2 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
More results

Similar Description - BD34602FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD37069FV-M ROHM-BD37069FV-M Datasheet
2Mb / 41P
   Sound Processor for Car Audio with Built-in High-Voltage Amplifier
BD3830FS ROHM-BD3830FS Datasheet
240Kb / 6P
   SCF built-in audio sound processor for TV
BD3831FS ROHM-BD3831FS Datasheet
208Kb / 6P
   SCF built-in audio sound processor for TV
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
logo
Renesas Technology Corp
M61510AFP RENESAS-M61510AFP Datasheet
681Kb / 23P
   Sound Controller for Quality/Sound Field Control, with Built-in Surround Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com