Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD28412MUV Datasheet(PDF) 9 Page - Rohm

Part # BD28412MUV
Description  9W9W Analog Input Class D Speaker Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD28412MUV Datasheet(HTML) 9 Page - Rohm

Back Button BD28412MUV Datasheet HTML 5Page - Rohm BD28412MUV Datasheet HTML 6Page - Rohm BD28412MUV Datasheet HTML 7Page - Rohm BD28412MUV Datasheet HTML 8Page - Rohm BD28412MUV Datasheet HTML 9Page - Rohm BD28412MUV Datasheet HTML 10Page - Rohm BD28412MUV Datasheet HTML 11Page - Rohm BD28412MUV Datasheet HTML 12Page - Rohm BD28412MUV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Datasheet
Datasheet
9/40
TSZ02201-0C1C0E900620-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
21.Sep.2016 Rev.003
www.rohm.com
TSZ22111 • 15 • 001
BD28412MUV
Electrical Characteristics
(Unless otherwise specified, Ta=25°C, VCC=11V, fPWM=600kHz, fIN=1kHz, RL=8Ω, PDX=3.3V, MUTEX=3.3V, PLIMT=0V,
Gain=26dB, Output LC filter: L=15µH, C=1µF
when VCC>11V, snubber circuit is added: C=680pF, R=5.6Ω)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Quiescent Standby Current
ICC1
-
0.1
25
µA
No load or filter,
PDX=L, MUTEX=L
Quiescent Mute Current
ICC2
-
10
20
mA
No load or filter,
PDX=H, MUTEX=L
Quiescent Operating Current
ICC3
-
16
32
mA
No load or filter, No signal,
PDX=H, MUTEX=H
Regulator Output Voltage
VREGG
4.45
5.55
6.05
V
PDX=H, MUTEX=H
Input Impedance 1
RIN1
50
-
-
kΩ
MUTEX, PDX,
FSEL0, FSEL1, FSEL2,
SYNC(Slave mode only),
Input Impedance 2
RIN2
140
200
260
kΩ
PLIMIT
Output Power
(Note 10)
PO1
-
9
-
W
VCC=12V, THD+N=10%
Gain 1
(Note 10)
GV1
19
20
21
dB
Po=1W,
GAIN_MS_SEL= 0V
Gain 2
(Note 10)
GV2
25
26
27
dB
PO=1W ,
GAIN_MS_SEL= 2/9 × VREGG
Gain 3
(Note 10)
GV3
31
32
33
dB
PO=1W,
GAIN_MS_SEL= 3/9 × VREGG
Gain 4
(Note 10)
GV4
35
36
37
dB
PO=1W,
GAIN_MS_SEL= 4/9 × VREGG
Total Harmonic Distortion
(Note 10)
THD
-
0.03
-
%
Po=1W,
BW=AES17
Crosstalk
(Note 10)
CT
60
100
-
dB
Po=1W, 1kHz BPF
PSRR
(Note 10)
PSRR
-
55
-
dB
VRIPPLE=0.2 VP-P, f=1kHz
Output Noise Voltage
(Note 10)
VNO
-
-80
-70
dBV
Po=0W, BW=A-Weight
PWM (Pulse Width Modulation)
Frequency
fPWM1
1128
1200
1272
kHz
FSEL2=H,
FSEL1=H,
FSEL0=H
fPWM2
940
1000
1060
kHz
FSEL2=H,
FSEL1=H,
FSEL0=L
fPWM3
564
600
636
kHz
FSEL2=H,
FSEL1=L,
FSEL0=H
fPWM4
470
500
530
kHz
FSEL2=H,
FSEL1=L,
FSEL0=L
fPWM5
376
400
424
kHz
FSEL2=L,
FSEL1=H,
FSEL0=H
(Note 10) The value is specified as typical application. Actual value depends on PCB layout and external components.


Similar Part No. - BD28412MUV

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BD280-1130-10/16 MACOM-BD280-1130-10/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1016 MACOM-BD280-1130-1016 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-15/16 MACOM-BD280-1130-15/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1516 MACOM-BD280-1130-1516 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-20/16 MACOM-BD280-1130-20/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

Similar Description - BD28412MUV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9108NL RICHTEK-RT9108NL Datasheet
616Kb / 13P
   9W Stereo Class-D Audio Power Amplifier
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com