Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5471MUV-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD5471MUV-E2
Description  Analog Input Stereo Class-D Speaker Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5471MUV-E2 Datasheet(HTML) 3 Page - Rohm

  BD5471MUV-E2 Datasheet HTML 1Page - Rohm BD5471MUV-E2 Datasheet HTML 2Page - Rohm BD5471MUV-E2 Datasheet HTML 3Page - Rohm BD5471MUV-E2 Datasheet HTML 4Page - Rohm BD5471MUV-E2 Datasheet HTML 5Page - Rohm BD5471MUV-E2 Datasheet HTML 6Page - Rohm BD5471MUV-E2 Datasheet HTML 7Page - Rohm BD5471MUV-E2 Datasheet HTML 8Page - Rohm BD5471MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Technical Note
3/21
BD5471MUV
www.rohm.com
2013.11 - Rev.B
© 2013 ROHM Co., Ltd. All rights reserved.
G0
G0
150k
G1
BEEP
DET
INR+
24
19
20
21
22
23
INL-
INR
AVDD
AGND
INL+
C6
7
8
9
10
11
12
REG_OU
MUTE
EAP
REG_S
REG_VD
REG_GN
C2
2.2μF
C3
SHORT
SHORT
EAPD
3.3VRE
PWM
Gain
Select
H-
Bridge
BEEP
PWM
Gain
Select
H-
Bridg
STOP
UVLO TSD SHOR
BIAS
OSC
BEEP
MUTE
EAPD
UVLO
TSD
MUT
E 150k
G1
G1
G0
1
2
3
4
5
6
BEEP
DET_C
OUTL
PVDD
OUTL-
PGNDL
C11
C1
0.01u
F
VDD
13
14
15
16
17
18
PVDD
OUTR-
PGND
OUTR
G1
G0
C8
0.1μF
C7
0.1μF
C9
10u
F
C5
0.1μF
C4
0.1μF
1μF
8Ω
VDD
VDD
150k
150k
+B
150k
SHORT
SHORT
SHORT
SHORT
UVLO
TSD
V
V
V
22μF
1μF
22μF
A
A
VSE
VSE
VBTL
VBEEP
VMUTE
A
VEAPD
A
VREG_
SD
Vin
Vin
Vin
Vin
A
VG0
A
VG1
8Ω
VBTL
V
V
V
1μF
1μF
22μF
22μF
VSE
VSE
Measurement Circuit Diagram
Package Outlines
VQFN024V4040 (Plastic Mold)
(Unit: mm)
Bottom View
Top View
D5471


Similar Part No. - BD5471MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5471MUV-E2 ROHM-BD5471MUV-E2 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
More results

Similar Description - BD5471MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5427EFS ROHM-BD5427EFS_10 Datasheet
520Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
BD5427MUV ROHM-BD5427MUV_10 Datasheet
412Kb / 16P
   Analog Input / BTL Output Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com