Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E300K4R0E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # E300K4R0E
Description  Ribbed construction aids in rapid cooling
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

E300K4R0E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  E300K4R0E Datasheet HTML 1Page - Ohmite Mfg. Co. E300K4R0E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
115
280 Series
Corrib® Fixed and Adjustable
Vitreous Enamel Power
Moun.
Part No.
No. of
Derat.
Slotted
Elongated
Resistors
%
6110-81/2 6126-P-81/2
1
100%
-
6127-P-81/2
2
83%
-
6128-P-81/2
3
80%
-
6129-P-81/2
4
80%
Lugs for 300 Watt
Adjustable Corrib
Re S i S to R ha R dw a R e
Thru Bolts Mounting Brackets for
300 Watt Corrib
Includes two each bracket, bolt,
washers (centering, mica, lock) and
nut. Note: Single unit mounting
contains one each bolt and nut; two
each all washers.
cha R acte R i S tic S
Coating Lead free vitreous enamel except for extreme
low resistance 35 watt models, and very large
models (750 watts and up), which are supplied
in Silicone Ceramic
Core Tubular Ceramic
Terminals Tinned lug with hole. RoHS solder composition
is 96% Sn, 3.5% Ag, 0.5% Cu
Adjustable Lug Supplied with adjustable 300 watt models. Part
No. 1974-A or 1974-B
Resistance Max. 63Ω for 300W version
Tolerance ±10% (K)
Power rating Based on 25°C free air rating
Derating Linearly from 100% @ +25°C to 0% @ +400°C
Overload 10 times rated wattage for 5 seconds
Temperature
coefficient
±400 ppm/°C
Dielectric with-
standing voltage
1000 VAC measured from terminal to mounting
bracket
To calculate
max. amps
use the formula √P/R
Corrib® resistors are ideal for applications involving
high currents at very low resistance values—as low
as 0.1
Ω for the 300 Watt unit. These large, heavy-
duty resistors are designed to withstand frequent
start-stop cycles characteristic of motor starting,
dynamic braking and other similar applications.
Special order units are available to accommodate up
to 1500 watts.
Corribs® are manufactured with corrugated resis-
tive wire. To accelerate cooling, the wire is securely
fused to the ceramic core by the protective vitreous
enamel coating to improve durability. Corrib resis-
tors are hollow-core units which can be securely
fastened to chassis surfaces with thru bolts and
brackets.
Fea tu R e S
•AlsoavailableinCentohmorSiliconecoating.
Consult Ohmite.
•Ribbedconstructionaidsinrapidcooling.
•Designedforequipmentrequiringlowresistance
loads at low ohmic values and high current capac-
ity.
•Especiallyconstructedformotorstarting,dynamic
braking, etc.
•RoHScompliantproductavailable.Add“E”suffixto
part number to specify.
Part No.
Res. Part No.
Res.
1974-A
0.40
1974-B 0.10
1/16 wire
0.50
1/8 wire 0.12
0.63
0.16
1.00
0.20
1.50
0.25
1.60
0.31
2.00
0.80
2.50
1.20
3.10
4.00
5.00
6.30
8.00
10.00
12.00
16.00
20.00
25.00
30.00
48.00
50.00
(continued)


Similar Part No. - E300K4R0E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
E300KR10E OHMITE-E300KR10E Datasheet
134Kb / 1P
   Corrib Fixed and Adjustable Vitreous Enamel Power
More results

Similar Description - E300K4R0E

ManufacturerPart #DatasheetDescription
logo
Bertech.
AFRB38 BERTECH-AFRB38 Datasheet
173Kb / 1P
   Anti Fatigue Mats – Ribbed Pattern
logo
ON Semiconductor
HPM10 ONSEMI-HPM10_16 Datasheet
141Kb / 18P
   Power Management IC for Hearing Aids
September, 2016 ??Rev. 4
logo
Infineon Technologies A...
IDFW80C65D1 INFINEON-IDFW80C65D1 Datasheet
918Kb / 11P
   Emitter Controlled Rapid-1 Diode in Advanced Isolation
Revision 1.10 2022-06-24
logo
ON Semiconductor
R3920 ONSEMI-R3920_16 Datasheet
127Kb / 13P
   Preconfigured DSP System for Hearing Aids
September, 2016 ??Rev. 5
EZAIRO-8310 ONSEMI-EZAIRO-8310 Datasheet
236Kb / 17P
   Audio Processor for Digital Hearing Aids
December, 2023 - Rev. 0
logo
Bertech.
AFRB58 BERTECH-AFRB58 Datasheet
190Kb / 1P
   Anti Fatigue Mats – Ribbed Pattern
logo
Infineon Technologies A...
IDFW60C65D1 INFINEON-IDFW60C65D1 Datasheet
1Mb / 11P
   Emitter Controlled Diode Rapid 1 Advanced Isolation Rapid Switching Emitter Controlled Diode in fully isolated package
V 2.2 2019-05-20
logo
NIC-Components Corp.
NCB0402P121TR010F NIC-NCB0402P121TR010F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB0603R102TR020F NIC-NCB0603R102TR020F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
logo
List of Unclassifed Man...
RSS50-150 ETC2-RSS50-150 Datasheet
361Kb / 1P
   HPS Rapid Restrike
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com