Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD39020ATPU13R Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD39020ATPU13R
Description  200 mA very low quiescent current linear regulator IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39020ATPU13R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD39020ATPU13R Datasheet HTML 6Page - STMicroelectronics LD39020ATPU13R Datasheet HTML 7Page - STMicroelectronics LD39020ATPU13R Datasheet HTML 8Page - STMicroelectronics LD39020ATPU13R Datasheet HTML 9Page - STMicroelectronics LD39020ATPU13R Datasheet HTML 10Page - STMicroelectronics LD39020ATPU13R Datasheet HTML 11Page - STMicroelectronics LD39020ATPU13R Datasheet HTML 12Page - STMicroelectronics LD39020ATPU13R Datasheet HTML 13Page - STMicroelectronics LD39020ATPU13R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical characteristics
LD39020
10/30
DocID025316 Rev 3
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
COUT
Output capacitor
Capacitance (see Figure 17:
"Stability area vs (COUT, ESR)")
0.47
22
µF
Notes:
(1)
Not applicable for Vout(nom) > 4.5 V
(2)
Turn-on time is time measured between the enable input just exceeding VEN high value and the output voltage
just reaching 95 % of its nominal value
TJ = 25 °C, VIN = VOUT(NOM) + 1 V , CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 6: Electrical characteristics for LD39020AT, LD39020ADT
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input
voltage
1.5
5.5
V
VOUT
VOUT accuracy
IOUT = 1 mA, TJ = 25 °C
-0.5
0.5
%
IOUT = 1 mA,
-40 °C<TJ<125 °C
-1.5
1.5
%
∆V
OUT
Static line
regulation
(1)
VOUT(NOM) + 1 V ≤ VIN ≤ 5.5 V,
IOUT = 10 mA
0.02
%/V
-40 °C<TJ<125 °C
0.2
∆V
OUT
Static load
regulation
IOUT = 0 mA to 200 mA
10
mV
-40 °C<TJ<125 °C
0.01
%/mA
VDROP
Dropout voltage
IOUT = 30 mA,VOUT = 2.8 V
35
mV
IOUT = 200 mA, VOUT = 2.8 V
-40 °C<TJ<125 °C
200
350
eN
Output noise
voltage
10 Hz to 100 kHz, IOUT = 10 mA
45
µVRM
S
SVR
Supply voltage
rejection
VIN = VOUT(NOM)+ 1 V +/- VRIPPLE
VRIPPLE = 0.2 V Freq. = 1 kHz
IOUT = 30 mA
80
dB
VIN = VOUT(NOM)+ 1 V +/- VRIPPLE
VRIPPLE = 0.2 V Freq. = 100 kHz
IOUT = 30 mA
55
IQ
Quiescent
current
IOUT = 0 mA
20
40
µA
IOUT = 200 mA
100
IStandby
Standby current
VIN input current in OFF MODE:
VEN = GND
0.03
1
µA
ISC
Short circuit
current
RL = 0
250
350
mA
RON
Output voltage
discharge
MOSFET
(only on LD39020ADT)
100


Similar Part No. - LD39020ATPU13R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015 STMICROELECTRONICS-LD39015 Datasheet
305Kb / 16P
   Very low noise without bypass capacitor
February 2014 Rev 4
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39015J08R STMICROELECTRONICS-LD39015J08R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J10R STMICROELECTRONICS-LD39015J10R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J12R STMICROELECTRONICS-LD39015J12R Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
More results

Similar Description - LD39020ATPU13R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDBL20 STMICROELECTRONICS-LDBL20 Datasheet
1Mb / 19P
   200 mA very low quiescent current linear regulator IC
November 2015 Rev 1
LD39030 STMICROELECTRONICS-LD39030 Datasheet
1Mb / 21P
   300 mA very low quiescent current linear regulator IC
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
   200 mA low quiescent current very low noise LDO
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
   250 mA Low Quiescent Current LDO Linear Regulator
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com