Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411CDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411CDR
Description  Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP411CDR Datasheet(HTML) 2 Page - Texas Instruments

  TMP411CDR Datasheet HTML 1Page - Texas Instruments TMP411CDR Datasheet HTML 2Page - Texas Instruments TMP411CDR Datasheet HTML 3Page - Texas Instruments TMP411CDR Datasheet HTML 4Page - Texas Instruments TMP411CDR Datasheet HTML 5Page - Texas Instruments TMP411CDR Datasheet HTML 6Page - Texas Instruments TMP411CDR Datasheet HTML 7Page - Texas Instruments TMP411CDR Datasheet HTML 8Page - Texas Instruments TMP411CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TMP411
SBOS383C − DECEMBER 2006 − REVISED MAY 2008
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, VS
7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, pins 2, 3, 4 only
−0.5V to VS + 0.5V
. . . . . . . . . . . . .
Input Voltage, pins 6, 7, 8 only
−0.5V to 7V
. . . . . . . . . . . . . . . . . . .
Input Current
10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +127°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−60
°C to +130°C
. . . . . . . . . . . . . . . . .
Junction Temperature (TJ max)
+150
°C
. . . . . . . . . . . . . . . . . . . . . .
ESD Rating:
Human Body Model (HBM)
3000V
. . . . . . . . . . . . . . . . . . . . . . .
Charged Device Model (CDM)
1000V
. . . . . . . . . . . . . . . . . . . .
Machine Model (MM)
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
DESCRIPTION
I2C ADDRESS
PACKAGE-LEAD
PACKAGE
DESIGNATOR
PACKAGE
MARKING
TMP411A
Remote Junction Temperature Sensor
100 1100
MSOP-8
DGK
411A
TMP411A
Remote Junction Temperature Sensor
100 1100
SO-8
D
T411A
TMP411B
Remote Junction Temperature Sensor
100 1101
MSOP-8
DGK
411B
TMP411B
Remote Junction Temperature Sensor
100 1101
SO-8
D
T411B
TMP411C
Remote Junction Temperature Sensor
100 1110
MSOP-8
DGK
411C
TMP411C
Remote Junction Temperature Sensor
100 1110
SO-8
D
T411C
(1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
PIN CONFIGURATION
Top View
MSOP, SO
1
2
3
4
8
7
6
5
SCL
SDA
ALERT/THERM2
GND
V+
D+
D
THERM
TMP411
PIN ASSIGNMENTS
PIN
NAME
DESCRIPTION
1
V+
Positive supply (2.7V to 5.5V)
2
D+
Positive connection to remote temperature
sensor
3
D−
Negative connection to remote temperature
sensor
4
THERM
Thermal flag, active low, open-drain;
requires pull-up resistor to V+
5
GND
Ground
6
ALERT/THERM2
Alert (reconfigurable as second thermal
flag), active low, open-drain; requires
pull-up resistor to V+
7
SDA
Serial data line for SMBus, open-drain;
requires pull-up resistor to V+
8
SCL
Serial clock line for SMBus, open-drain;
requires pull-up resistor to V+


Similar Part No. - TMP411CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411CDR TI-TMP411CDR Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411CDRG4 TI-TMP411CDRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411CDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com