Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP422AQDCNTQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP422AQDCNTQ1
Description  Remote and Local Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP422AQDCNTQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP422AQDCNTQ1 Datasheet HTML 3Page - Texas Instruments TMP422AQDCNTQ1 Datasheet HTML 4Page - Texas Instruments TMP422AQDCNTQ1 Datasheet HTML 5Page - Texas Instruments TMP422AQDCNTQ1 Datasheet HTML 6Page - Texas Instruments TMP422AQDCNTQ1 Datasheet HTML 7Page - Texas Instruments TMP422AQDCNTQ1 Datasheet HTML 8Page - Texas Instruments TMP422AQDCNTQ1 Datasheet HTML 9Page - Texas Instruments TMP422AQDCNTQ1 Datasheet HTML 10Page - Texas Instruments TMP422AQDCNTQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
P
S
P
S
VIH
VIL
SCL
VIH
VIL
SDA
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
tVD;DAT
7
TMP421-Q1, TMP422-Q1, TMP423-Q1
www.ti.com
SBOS821 – NOVEMBER 2016
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
The maximum tHD;DAT can be 0.9 μs for Fast-Mode, and is less than the maximum tVD;DAT by a transition time.
(2)
tVDDATA = time for data signal from SCL LOW to SDA output (HIGH to LOW, depending on which is worse).
7.6 Timing Requirements
at –40°C to +125°C and V+ = 2.7 V to 5.5 V (unless otherwise noted); values are based on statistical analysis of samples
tested during initial release
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
0.001
0.4
0.001
2.56
MHz
t(BUF)
Bus free time between STOP and START condition
1300
160
ns
t(HD;STA)
Hold time after repeated START condition.
After this period, the first clock is generated.
600
160
ns
t(SU;STA)
Repeated START condition setup time
600
160
ns
t(SU;STO)
STOP condition setup time
600
160
ns
t(HD;DAT)
Data hold time
25
See (1)
5
90
ns
t(VD.DAT)
Data valid time (data response time)(2)
900
Not applicable
ns
t(SU;DAT)
Data setup time
100
10
ns
t(LOW)
SCL clock LOW period
1300
250
ns
t(HIGH)
SCL clock HIGH period
600
60
ns
tF – SDA
Data fall time
300
150
ns
tF – SCL
Clock fall time
300
40
ns
tR
Clock, data rise time
1000
ns
Serial bus timeout
25
35
25
35
ms
Figure 1. Two-Wire Timing Diagram


Similar Part No. - TMP422AQDCNTQ1

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP422AIDCNR BURR-BROWN-TMP422AIDCNR Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP422AIDCNR TI-TMP422AIDCNR Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422AIDCNR TI1-TMP422AIDCNR Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Burr-Brown (TI)
TMP422AIDCNRG4 BURR-BROWN-TMP422AIDCNRG4 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP422AIDCNRG4 TI-TMP422AIDCNRG4 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
More results

Similar Description - TMP422AQDCNTQ1

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com