Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2170IDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2170IDR
Description  36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2170IDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2170IDR Datasheet HTML 2Page - Texas Instruments TLV2170IDR Datasheet HTML 3Page - Texas Instruments TLV2170IDR Datasheet HTML 4Page - Texas Instruments TLV2170IDR Datasheet HTML 5Page - Texas Instruments TLV2170IDR Datasheet HTML 6Page - Texas Instruments TLV2170IDR Datasheet HTML 7Page - Texas Instruments TLV2170IDR Datasheet HTML 8Page - Texas Instruments TLV2170IDR Datasheet HTML 9Page - Texas Instruments TLV2170IDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
TLV170, TLV2170, TLV4170
SBOS782 – NOVEMBER 2016
www.ti.com
Product Folder Links: TLV170 TLV2170 TLV4170
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Short-circuit to ground, one amplifier per package.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply voltage, V+ to V
–20
20
V
Single-supply voltage
40
Signal input pin
(V
−) − 0.5
(V+) + 0.5
Current
Signal input pin
–10
10
mA
Output short-circuit(2)
Continuous
Temperature
Operating, TA
–55
150
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Voltage
Supply, VS = (V+) – (V–)
2.7
36
V
TA
Specified temperature
–40
125
°C
TA
Operating temperature
–55
150
°C


Similar Part No. - TLV2170IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2170IDR TI1-TLV2170IDR Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV2170IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV170 TI1-TLV170_17 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, EMI-Hardened, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV2172-Q1 TI1-TLV2172-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifier for Cost-Sensitive Systems
TLV171-Q1 TI1-TLV171-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   36-V, Single-Supply, General-Purpose Operational Amplifier for Cost-Sensitive Automotive Systems
TLV9301 TI1-TLV9301 Datasheet
997Kb / 30P
[Old version datasheet]   40-V, 1-MHz, RRO operational amplifiers for cost-sensitive systems
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
TLV9301 TI-TLV9301_V05 Datasheet
3Mb / 57P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
AUGUST 2021
TLV9301 TI1-TLV9301_V02 Datasheet
2Mb / 49P
[Old version datasheet]   TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com