Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMRB6 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # GMRB6
Description  Giant Magneto Resistive Position Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

GMRB6 Datasheet(HTML) 3 Page - Infineon Technologies AG

  GMRB6 Datasheet HTML 1Page - Infineon Technologies AG GMRB6 Datasheet HTML 2Page - Infineon Technologies AG GMRB6 Datasheet HTML 3Page - Infineon Technologies AG GMRB6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GMR B6
Data Sheet
3
2000-07-01
Application Hints
The application mode of the GMR position sensor is preferably as a bridge or halfbridge
circuit. In every case this type of circuit compensates for the
T
C of the resistance value
R
0. To compensate for the TC of the GMR effect ∆R/R0, if there is the necessity, is left to
the application circuit and can be done for example with a NIC circuit. When operated
over a complete 360
° turn, a total signal of ≈ 20 mV/V is achieved at 25 °C with a
halfbridge. The output signal is doubled to of
≈ 40 mV/V when a fullbridge circuit is used.
In the case of linear position sensing, the electrical circuit remains unchanged.
Maximum Ratings
Parameter
Symbol
Value
Unit
Operating temperature
T
A
– 40…+ 150
°C
Storage temperature
T
stg
– 50…+ 150
°C
Supply voltage
V
1
7V
Thermal conductivity
G
thC A
> 4
mW/K
Magnetic field
1)
H
rot
< 15
kA/m
1)
larger fields may reduce the magnetoresistive effect irreversibly
Characteristics (
T
A =25 °C)
Parameter
Symbol
Value
Unit
Nominal supply voltage
V
1N
5V
Basic resistance
R
0
> 700
Magnetoresistive effect
H
rot = 5 ... 15 kA/m
R/R
0
>4
%
Output signal fullbridge
@
V
1N =5V
V
OUT
> 200
mV
Offset voltage
@
V
1N =5V
|
V
0|< 8
mV
Temperature coefficient of
basic resistance
TC
R0
+ 0.09 … + 0.12
%/K
Temperature coefficient of
magnetoresistance
TC∆R
– 0.12 … – 0.09
%/K
Temperature coefficient of
magnetoresistive effect
TC∆R/R0
– 0.27 … – 0.23
%/K


Similar Part No. - GMRB6

ManufacturerPart #DatasheetDescription
logo
Rohm
GMR ROHM-GMR Datasheet
917Kb / 8P
   High power low ohmic chip shunt resistors
GMR ROHM-GMR Datasheet
1Mb / 7P
   High power metal plate shunt resistors
2022.09 - Rev.006
GMR100 ROHM-GMR100 Datasheet
917Kb / 8P
   High power low ohmic chip shunt resistors
GMR100 ROHM-GMR100 Datasheet
1Mb / 7P
   High power metal plate shunt resistors
2022.09 - Rev.006
GMR100HJAAFA5L00 ROHM-GMR100HJAAFA5L00 Datasheet
1Mb / 7P
   High power metal plate shunt resistors
2022.09 - Rev.006
More results

Similar Description - GMRB6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
GMRS6 INFINEON-GMRS6 Datasheet
29Kb / 3P
   Giant Magneto Resistive Position Sensor
1999-04-01
GMRS4 INFINEON-GMRS4 Datasheet
33Kb / 3P
   Giant Magneto Resistive Position Sensor
1999-04-01
logo
List of Unclassifed Man...
GMRC6 ETC-GMRC6 Datasheet
146Kb / 3P
   GIANT MAGNETO RESISTIVE POSITION POSITION SENSOR
logo
Standex Electronics, In...
A47-HS1-P5P21 STANDEX-A47-HS1-P5P21 Datasheet
550Kb / 3P
   Hall or Magneto Resistive Switch Sensor
Rev DAA
S38-HS1-5KP21 STANDEX-S38-HS1-5KP21 Datasheet
604Kb / 3P
   Hall or Magneto Resistive Switch Sensor
Rev CBA
logo
Infineon Technologies A...
TLE5012B INFINEON-TLE5012B Datasheet
2Mb / 50P
   Giant Magneto Resistance (GMR)-based principle
Rev. 2.0, 2014-02
logo
Standex Electronics, In...
A47-HS1-5KP21 STANDEX-A47-HS1-5KP21 Datasheet
598Kb / 3P
   Hall or Magneto Resistive Switch Sensor
Rev CAA
M12-HS1-5KCB2 STANDEX-M12-HS1-5KCB2 Datasheet
572Kb / 3P
   Hall or Magneto Resistive Switch Sensor
Rev CCA
logo
Infineon Technologies A...
TLE5014 INFINEON-TLE5014 Datasheet
1Mb / 45P
   Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
TLE5014D INFINEON-TLE5014D Datasheet
438Kb / 13P
   Giant Magneto Resistance (GMR)-based principle
Rev. 1.0 2018-04-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com