Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23630APQDRRRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23630APQDRRRQ1
Description  SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630APQDRRRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  LMR23630APQDRRRQ1 Datasheet HTML 1Page - Texas Instruments LMR23630APQDRRRQ1 Datasheet HTML 2Page - Texas Instruments LMR23630APQDRRRQ1 Datasheet HTML 3Page - Texas Instruments LMR23630APQDRRRQ1 Datasheet HTML 4Page - Texas Instruments LMR23630APQDRRRQ1 Datasheet HTML 5Page - Texas Instruments LMR23630APQDRRRQ1 Datasheet HTML 6Page - Texas Instruments LMR23630APQDRRRQ1 Datasheet HTML 7Page - Texas Instruments LMR23630APQDRRRQ1 Datasheet HTML 8Page - Texas Instruments LMR23630APQDRRRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
LMR23630-Q1
SNVSAR6 – DECEMBER 2016
www.ti.com
Product Folder Links: LMR23630-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Product Portfolio.................................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ...................... 4
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Timing Characteristics............................................... 7
7.7
Switching Characteristics .......................................... 8
7.8
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
8.2
Functional Block Diagram ....................................... 11
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 19
9
Application and Implementation ........................ 20
9.1
Application Information............................................ 20
9.2
Typical Applications ................................................ 20
10
Power Supply Recommendations ..................... 26
11
Layout................................................................... 26
11.1
Layout Guidelines ................................................. 26
11.2
Compact Layout for EMI Reduction ...................... 26
11.3
Ground Plane and Thermal Considerations.......... 27
11.4
Feedback Resistors .............................................. 27
11.5
Layout Example .................................................... 28
12
Device and Documentation Support ................. 29
12.1
Receiving Notification of Documentation Updates 29
12.2
Community Resources.......................................... 29
12.3
Trademarks ........................................................... 29
12.4
Electrostatic Discharge Caution ............................ 29
12.5
Glossary ................................................................ 29
13
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
December 2016
*
Initial release.


Similar Part No. - LMR23630APQDRRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630APQDRRRQ1 TI1-LMR23630APQDRRRQ1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results

Similar Description - LMR23630APQDRRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com