Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2640R2FYFVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2640R2FYFVR
Description  SimpleLink Bluetooth low energy Wireless MCU
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2640R2FYFVR Datasheet(HTML) 1 Page - Texas Instruments

  CC2640R2FYFVR Datasheet HTML 1Page - Texas Instruments CC2640R2FYFVR Datasheet HTML 2Page - Texas Instruments CC2640R2FYFVR Datasheet HTML 3Page - Texas Instruments CC2640R2FYFVR Datasheet HTML 4Page - Texas Instruments CC2640R2FYFVR Datasheet HTML 5Page - Texas Instruments CC2640R2FYFVR Datasheet HTML 6Page - Texas Instruments CC2640R2FYFVR Datasheet HTML 7Page - Texas Instruments CC2640R2FYFVR Datasheet HTML 8Page - Texas Instruments CC2640R2FYFVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CC2640R2F
SWRS204 – DECEMBER 2016
CC2640R2F SimpleLink™ Bluetooth® low energy Wireless MCU
1
Device Overview
1
1.1
Features
1
• Microcontroller
– Powerful ARM® Cortex®-M3
– EEMBC CoreMark® Score: 142
– Up to 48-MHz Clock Speed
– 275KB of Nonvolatile Memory Including 128KB
of In-System Programmable Flash
– Up to 28KB of System SRAM, of Which 20KB is
Ultra-Low-Leakage SRAM
– 8KB of SRAM for Cache or System RAM Use
– 2-Pin cJTAG and JTAG Debugging
– Supports Over-The-Air Upgrade (OTA)
• Ultra-Low-Power Sensor Controller
– Can Run Autonomous From the Rest of the
System
– 16-Bit Architecture
– 2KB of Ultra-Low-Leakage SRAM for Code and
Data
• Efficient Code Size Architecture, Placing Drivers,
TI-RTOS, and Bluetooth® Software in ROM to
Make More Flash Available for the Application
• RoHS-Compliant Packages
– 2.7-mm × 2.7-mm YFV DSBGA34 (14 GPIOs)
– 4-mm × 4-mm RSM VQFN32 (10 GPIOs)
– 5-mm × 5-mm RHB VQFN32 (15 GPIOs)
– 7-mm × 7-mm RGZ VQFN48 (31 GPIOs)
• Peripherals
– All Digital Peripheral Pins Can Be Routed to
Any GPIO
– Four General-Purpose Timer Modules
(Eight 16-Bit or Four 32-Bit Timers, PWM Each)
– 12-Bit ADC, 200-ksamples/s, 8-Channel Analog
MUX
– Continuous Time Comparator
– Ultra-Low-Power Analog Comparator
– Programmable Current Source
– UART
– 2× SSI (SPI, MICROWIRE, TI)
– I2C
– I2S
– Real-Time Clock (RTC)
– AES-128 Security Module
– True Random Number Generator (TRNG)
– 10, 14, 15, or 31 GPIOs, Depending on
Package Option
– Support for Eight Capacitive-Sensing Buttons
– Integrated Temperature Sensor
• External System
– On-Chip internal DC-DC Converter
– Very Few External Components
– Seamless Integration With the SimpleLink™
CC2590 and CC2592 Range Extenders
– Pin Compatible With the SimpleLink CC13xx in
4-mm × 4-mm and 5-mm × 5-mm VQFN
Packages
• Low Power
– Wide Supply Voltage Range
– Normal Operation: 1.8 to 3.8 V
– External Regulator Mode: 1.7 to 1.95 V
– Active-Mode RX: 5.9 mA
– Active-Mode TX at 0 dBm: 6.1 mA
– Active-Mode TX at +5 dBm: 9.1 mA
– Active-Mode MCU: 61 µA/MHz
– Active-Mode MCU: 48.5 CoreMark/mA
– Active-Mode Sensor Controller:
0.4mA + 8.2 µA/MHz
– Standby: 1.1 µA (RTC Running and RAM/CPU
Retention)
– Shutdown: 100 nA (Wake Up on External
Events)
• RF Section
– 2.4-GHz RF Transceiver Compatible With
Bluetooth low energy (BLE) 4.2 and 5
Specifications
– Excellent Receiver Sensitivity (–97 dBm for
BLE), Selectivity, and Blocking Performance
– Link Budget of 102 dB for BLE
– Programmable Output Power up to +5 dBm
– Single-Ended or Differential RF Interface
– Suitable for Systems Targeting Compliance With
Worldwide Radio Frequency Regulations
– ETSI EN 300 328 (Europe)
– EN 300 440 Class 2 (Europe)
– FCC CFR47 Part 15 (US)
– ARIB STD-T66 (Japan)
• Tools and Development Environment
– Full-Feature Development Kits
– Multiple Reference Designs
– SmartRF™ Tools Portfolio
– Sensor Controller Studio
– IAR Embedded Workbench® for ARM
– Code Composer Studio™
– CCS Cloud


Similar Part No. - CC2640R2FYFVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 63P
[Old version datasheet]   CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2640R2F TI-CC2640R2F Datasheet
2Mb / 72P
[Old version datasheet]   CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2640R2F TI-CC2640R2F Datasheet
3Mb / 72P
[Old version datasheet]   CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Similar Description - CC2640R2FYFVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
[Old version datasheet]   SimpleLink Bluetooth 5 low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
[Old version datasheet]   SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
[Old version datasheet]   SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
[Old version datasheet]   CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
[Old version datasheet]   CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
[Old version datasheet]   CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
NXP Semiconductors
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
   Bluetooth Low Energy 5.0 wireless MCU
logo
Texas Instruments
CC2640 TI-CC2640_15 Datasheet
1Mb / 51P
[Old version datasheet]   CC2640 SimpleLink Bluetooth Smart Wireless MCU
CC2640R2L TI1-CC2640R2L Datasheet
3Mb / 54P
[Old version datasheet]   CC2640R2L SimpleLink??Bluetooth짰 5.1 Low Energy Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com