Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1115 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1115
Description  Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1115 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1115 Datasheet HTML 5Page - Texas Instruments ADS1115 Datasheet HTML 6Page - Texas Instruments ADS1115 Datasheet HTML 7Page - Texas Instruments ADS1115 Datasheet HTML 8Page - Texas Instruments ADS1115 Datasheet HTML 9Page - Texas Instruments ADS1115 Datasheet HTML 10Page - Texas Instruments ADS1115 Datasheet HTML 11Page - Texas Instruments ADS1115 Datasheet HTML 12Page - Texas Instruments ADS1115 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
0.05
0.04
0.03
0.02
0.01
0
-0.01
0.02
0.03
0.04
-
-
-
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
FSR = ±0.512 V
FSR = 0.256 V
±
FSR = 1.024 V, 2.048 V,
4.096 V, and 6.144 V
±
±
±
±
0.15
0.10
0.05
0
-0.05
0.10
0.15
-
-
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage (V)
FSR = ±256 mV
FSR = ±2.048 V
150
100
50
0
-50
100
150
200
250
300
-
-
-
-
-
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 2 V
FSR = ±4.096 V
FSR = ±2.048 V
FSR = ±1.024 V
FSR = ±0.512 V
VDD = 5 V
60
50
40
30
20
10
0
-10
20
-
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 3 V
VDD = 2 V
VDD = 5 V
VDD = 4 V
300
250
200
150
100
50
0
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 5 V
VDD = 2 V
VDD = 3.3 V
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
VDD = 5 V
VDD = 2 V
VDD = 3.3 V
9
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
www.ti.com
SBAS563C – DECEMBER 2011 – REVISED DECEMBER 2016
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.7 Typical Characteristics
at TA = 25°C, VDD = 3.3 V, FSR = ±2.048 V, DR = 8 SPS (unless otherwise noted)
Figure 2. Operating Current vs Temperature
Figure 3. Power-Down Current vs Temperature
Figure 4. Single-Ended Offset Error vs Temperature
Figure 5. Differential Offset vs Temperature
Figure 6. Gain Error vs Temperature
Figure 7. Gain Error vs Supply Voltage


Similar Part No. - ADS1115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1115 TI-ADS1115 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115 TI-ADS1115 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115 TI1-ADS1115 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1115 TI1-ADS1115 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1115 TI-ADS1115 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
More results

Similar Description - ADS1115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1013-Q1 TI1-ADS1013-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
   10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX1407 MAXIM-MAX1407 Datasheet
1Mb / 48P
   Low-Power, 16-Bit Multichannel DAS with Internal Reference,10-Bit DACs, and RTC
19-2229; Rev 0; 10/01
MAX11166 MAXIM-MAX11166 Datasheet
1Mb / 33P
   16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com