Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA200TS60U Datasheet(PDF) 6 Page - International Rectifier

Part # GA200TS60U
Description  HALF-BRIDGE IGBT INT-A-PAK Ultra-Fast Speed IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GA200TS60U Datasheet(HTML) 6 Page - International Rectifier

Back Button GA200TS60U Datasheet HTML 2Page - International Rectifier GA200TS60U Datasheet HTML 3Page - International Rectifier GA200TS60U Datasheet HTML 4Page - International Rectifier GA200TS60U Datasheet HTML 5Page - International Rectifier GA200TS60U Datasheet HTML 6Page - International Rectifier GA200TS60U Datasheet HTML 7Page - International Rectifier GA200TS60U Datasheet HTML 8Page - International Rectifier GA200TS60U Datasheet HTML 9Page - International Rectifier GA200TS60U Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
GA200TS60U
6
www.irf.com
Fig. 11 - Typical Switching Losses vs.
Collector-to-Emitter Current
Fig. 12 - Reverse Bias SOA
Fig. 13 - Typical Forward Voltage Drop vs.
Instantaneous Forward Current
Fig. 14 - Typical Stored Charge vs. dif/dt
0
100
200
300
400
0
10
20
30
40
50
60
70
I
, Collector-to-emitter Current (A)
C
R
= Ohm
T
= 125 C
V
= 360V
V
= 15V
G
J
CC
GE
°
RG1=27;RG2 = 0
0
100
200
300
400
500
600
0
100
200
300
400
500
600
700
CE
SAFE OPER AT ING AR EA
V
= 20V
T
= 125°C
GE
J
V
, Collector-to-E mitter Voltage (V )
A
VCE measured at terminal (Peak Voltage)
10
100
1000
1.0
2.0
3.0
4.0
5.0
6.0
FM
Fo rward Vo lta g e D ro p - V
(V )
T = 25°C
T = 125°C
J
J
0
5000
10000
15000
20000
500
1000
1500
2000
f
d i /d t - (A /µ s)
R
J
J
V = 36 0V
T = 125 °C
T = 25°C
I = 400A
I = 200A
I = 100A
F
F
F


Similar Part No. - GA200TS60U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA200TS60UPBF VISHAY-GA200TS60UPBF Datasheet
239Kb / 9P
   "Half-Bridge" IGBT INT-A-PAK (Ultrafast Speed IGBT), 200 A
Revision: 04-May-10
logo
International Rectifier
GA200TS60UX IRF-GA200TS60UX Datasheet
205Kb / 9P
   Ultra-FastTM Speed IGBT
More results

Similar Description - GA200TS60U

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
GA150TS60U ICST-GA150TS60U Datasheet
221Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK Ultra-FastTM Speed IGBT
logo
International Rectifier
GA100TS60SQ IRF-GA100TS60SQ Datasheet
113Kb / 7P
   HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
GA400TD60U IRF-GA400TD60U Datasheet
239Kb / 10P
   HALF-BRIDGE IGBT DUAL INT-A-PAK Ultra-FastTM Speed IGBT
GA150TD120U IRF-GA150TD120U Datasheet
298Kb / 10P
   HALF-BRIDGE IGBT DOUBLE INT-A-PAK Ultra-FastTM Speed IGBT
GA200HS60S1 IRF-GA200HS60S1 Datasheet
67Kb / 6P
   HALF-BRIDGE IGBT INT-A-PAK Standard Speed IGBT
GA250TS60U IRF-GA250TS60U Datasheet
230Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA100TS60U IRF-GA100TS60U Datasheet
216Kb / 10P
   HALF-BRIDGE" IGBT INT-A-PAK
GA50TS120U IRF-GA50TS120U Datasheet
220Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
GA200HS60S IRF-GA200HS60S Datasheet
101Kb / 6P
   HALF-BRIDGE IGBT INT-A-PAK
GA100TS120U IRF-GA100TS120U Datasheet
269Kb / 10P
   HALF-BRIDGE IGBT INT-A-PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com