Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1015QDGSRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS1015QDGSRQ1
Description  Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1015QDGSRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1015QDGSRQ1 Datasheet HTML 3Page - Texas Instruments ADS1015QDGSRQ1 Datasheet HTML 4Page - Texas Instruments ADS1015QDGSRQ1 Datasheet HTML 5Page - Texas Instruments ADS1015QDGSRQ1 Datasheet HTML 6Page - Texas Instruments ADS1015QDGSRQ1 Datasheet HTML 7Page - Texas Instruments ADS1015QDGSRQ1 Datasheet HTML 8Page - Texas Instruments ADS1015QDGSRQ1 Datasheet HTML 9Page - Texas Instruments ADS1015QDGSRQ1 Datasheet HTML 10Page - Texas Instruments ADS1015QDGSRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
SCL
SDA
t
LOW
t
R
t
F
t
HDSTA
t
HDSTA
t
HDDAT
t
BUF
t
SUDAT
t
HIGH
t
SUSTA
t
SUSTO
P
S
S
P
7
ADS1013-Q1, ADS1014-Q1, ADS1015-Q1
www.ti.com
SBAS511B – JULY 2010 – REVISED DECEMBER 2016
Product Folder Links: ADS1013-Q1 ADS1014-Q1 ADS1015-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
For high-speed mode maximum values, the capacitive load on the bus line must not exceed 400 pF.
7.6 Timing Requirements: I
2C
over operating ambient temperature range and VDD = 2.0 V to 5.5 V (unless otherwise noted)
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
fSCL
SCL Clock Frequency
0.01
0.4
0.01
3.4
MHz
tBUF
Bus free time between START and STOP
condition
600
160
ns
tHDSTA
Hold time after repeated START condition.
After this period, the first clock is generated.
600
160
ns
tSUSTA
Setup time for a repeated START condition
600
160
ns
tSUSTO
Setup time for STOP condition
600
160
ns
tHDDAT
Data hold time
0
0
ns
tSUDAT
Data setup time
100
10
ns
tLOW
Low period of the SCL clock pin
1300
160
ns
tHIGH
High period for the SCL clock pin
600
60
ns
tF
Rise time for both SDA and SCL signals(1)
300
160
ns
tR
Fall time for both SDA and SCL signals(1)
300
160
ns
Figure 1. I2C Interface Timing


Similar Part No. - ADS1015QDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1015QDGSRQ1 TI1-ADS1015QDGSRQ1 Datasheet
582Kb / 31P
[Old version datasheet]   ULTRA-SMALL LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS1015QDGSRQ1 TI1-ADS1015QDGSRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
More results

Similar Description - ADS1015QDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113-Q1 TI1-ADS1113-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1277 MAXIM-MAX1277_09 Datasheet
355Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1277 MAXIM-MAX1277 Datasheet
835Kb / 10P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com