Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS111x-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS111x-Q1
Description  Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS111x-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS111x-Q1 Datasheet HTML 4Page - Texas Instruments ADS111x-Q1 Datasheet HTML 5Page - Texas Instruments ADS111x-Q1 Datasheet HTML 6Page - Texas Instruments ADS111x-Q1 Datasheet HTML 7Page - Texas Instruments ADS111x-Q1 Datasheet HTML 8Page - Texas Instruments ADS111x-Q1 Datasheet HTML 9Page - Texas Instruments ADS111x-Q1 Datasheet HTML 10Page - Texas Instruments ADS111x-Q1 Datasheet HTML 11Page - Texas Instruments ADS111x-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
SCL
SDA
t
LOW
t
R
t
F
t
HDSTA
t
HDSTA
t
HDDAT
t
BUF
t
SUDAT
t
HIGH
t
SUSTA
t
SUSTO
P
S
S
P
8
ADS1113-Q1, ADS1114-Q1, ADS1115-Q1
SBAS563C – DECEMBER 2011 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADS1113-Q1 ADS1114-Q1 ADS1115-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
At VDD = 3.3 V, data rate = 8 SPS, and full-scale input voltage range (FSR) = ±2.048 V (unless otherwise noted).
Maximum and minimum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY
IVDD
Supply current
Power-down
TA = 25°C
0.5
2
µA
5
Operating
TA = 25°C
150
200
300
PD
Power dissipation
VDD = 5.0 V
0.9
mW
VDD = 3.3 V
0.5
VDD = 2.0 V
0.3
(1)
For high-speed mode maximum values, the capacitive load on the bus line must not exceed 400 pF.
7.6 Timing Requirements: I
2C
over operating ambient temperature range and VDD = 2.0 V to 5.5 V (unless otherwise noted)
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
fSCL
SCL clock frequency
0.01
0.4
0.01
3.4
MHz
tBUF
Bus free time between START and STOP
condition
600
160
ns
tHDSTA
Hold time after repeated START condition.
After this period, the first clock is generated.
600
160
ns
tSUSTA
Setup time for a repeated START condition
600
160
ns
tSUSTO
Setup time for STOP condition
600
160
ns
tHDDAT
Data hold time
0
0
ns
tSUDAT
Data setup time
100
10
ns
tLOW
Low period of the SCL clock pin
1300
160
ns
tHIGH
High period for the SCL clock pin
600
60
ns
tF
Rise time for both SDA and SCL signals(1)
300
160
ns
tR
Fall time for both SDA and SCL signals(1)
300
160
ns
Figure 1. I2C Interface Timing


Similar Part No. - ADS111x-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS111X-Q1 TI-ADS111X-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
More results

Similar Description - ADS111x-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1013-Q1 TI1-ADS1013-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX11626 MAXIM-MAX11626_14 Datasheet
401Kb / 22P
   ADCs with FIFO and Internal Reference
Rev 5; 9/14
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
   10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
   12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX1407 MAXIM-MAX1407 Datasheet
1Mb / 48P
   Low-Power, 16-Bit Multichannel DAS with Internal Reference,10-Bit DACs, and RTC
19-2229; Rev 0; 10/01
MAX11166 MAXIM-MAX11166 Datasheet
1Mb / 33P
   16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com